Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3863L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3863L-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3863L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UC3863
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-058.H
LOW COST POWER-SAV I N G
M ODE PWM CON T ROLLER
FOR FLY BACK CON V ERT ERS
DESCRI PT I ON
The UC3863 is a high performance current mode PWM
controller ideally suited for low standby power. The PWM switching
frequency is programmable externally at normal operation. Low
VDD startup current make the power reliable on startup design and
a large value resistor could be used in the startup circuit to
minimize the standby power. At no load condition, the IC operates
in power-saving mode for lower standby power, decreasing
frequency for Higher conversion efficiency at light load condition.
The UC3863 contains protection with automatic recovery
including OLP (over load protection), OTP (over temperature
protection), OVP (over voltage protection), UVLO (VDD over voltage clamp and under voltage lockout).To protect
the power MOSFET, Gate-drive output is fixed up to 15V max. The UC3863 contains protection OCP (cycle-by-cycle
current limiting).
The internal slope compensation improves system stability at high PWM duty cycle output. Leading-edge
blanking on current sense input removes the signal glitch, which offering minimal external component count in the
design.
Excellent
EMI
performance
is
achieved
with
UTC
proprietary
frequency
hopping
technique
(ZL201020615247.1) together with soft driver control. Audio noise is eliminated due to switch frequency more than
20kHz during operation.
The UC3863 has such applications as: battery charger, power adaptor, set-top box power supplies, ink jet
printers, open-frame SMPS.
FEAT U RES
* UTC proprietary frequency hopping technology for Improved EMI
performance.
* Power-saving mode for high light-load and standby efficiency
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OTP,OLP,OVP and VDD clamp for higher security
* Programmable PWM Frequency
* Gate output voltage clamped at 15V
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Few external components required
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3863L-AG6-R
UC3863G-AG6-R
SOT-26
Tape Reel
UC3863L-D08-T
UC3863G-D08-T
DIP-8
Tube
UC3863L-S08-R
UC3863G-S08-R
SOP-8
Tape Reel


Similar Part No. - UC3863L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3863L-AG6 UTC-UC3863L-AG6 Datasheet
351Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863L-AG6 UTC-UC3863L-AG6 Datasheet
366Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863L-D08-T UTC-UC3863L-D08-T Datasheet
351Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3863L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com