Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3863G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3863G-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3863G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UC3863
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R103-058.H
ABSOLU T E M AX I M U M RAT I N GS (TA=25°C, VDD =15V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
30
V
Input Voltage to FB Pin
VFB
-0.3 ~ 7
V
Input Voltage to CS Pin
VSENSE
-0.3 ~ 7
V
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERAT I N G RAN GE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
9 ~ 22
V
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VDD=15V, RI =100K
Ω,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VDD = VDD(ON)-0.1V
2.5
20
μA
IC Operating current
IOP
VFB=3.5V
1.2
2.5
mA
VDD Zener Clamp Voltage
VCLAMP
IDD=10mA
27
28.5
30
V
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
12
13.5
15
V
Min. Operating Voltage
VDD(MIN)
7
8
9
V
CONTROL SECTION
VFB Open Loop Voltage Level
VFB-OPEN
4.8
5.1
V
PWM Input Gain
AVCS
∆VFB/∆VCS
3
V/V
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.6
V
Reduce-Frequency end FB Voltage
VFB(END)
VSENSE =0
2.55
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
1.5
V
Normal
VFB=3.5V, RI=100K
Ω
60
65
70
KHz
Switch Frequency
Power-Saving
FSW
Before enter burst mode
23
KHz
Duty Cycle
DMAX
VFB=3.5V, VSENSE=0
70
78
85
%
Frequency Hopping
FJ(SW)
-4
+4
%
Frequency VDD Stability
FDV
VDD=12V~20V
5
%
Frequency Temperature Stability
FDT
T=-20~100°C
1.5
5
%
RI Resistor Value Range
RI
50
100
150
K
Ω
Feedback short current
IFB
240
uA
Softstart time
TSS
2
mS
PROTECTION SECTION
VCC Over Voltage Protection Threshold
VOVP
VFB=4.2V
26
27
28
V
FB PIN Over Load Protection Threshold
VOLP
4.45
V
Over Load Protection Delay-Time
TDelay
40
55
70
mS
OTP threshold
T(THR)
VFB=4.2V
135
°C
CURRENT LIMITING SECTION
Peak Current Flat Threshold Voltage
VCS-F
VFB=4.2V, Duty
≥60%
0.90
0.95
1.00
V
Peak Current Valley Threshold Voltage
VCS-V
VFB=4.2V, Duty=0%
0.58
0.63
0.68
Lead Edge Blanking Time
TLEB
350
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16, IO=-20mA
0.8
V
Output Voltage High State
VOH
VDD=16, IO= 20mA
11
V
Output Voltage Rise Time
tR
CL=1.0nF
100
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com