Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3863G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3863G-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UC3863G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC3863
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 9
www.unisonic.com.tw
QW-R103-058.H
REFREN CE CI RCU I T (19V / 2.1A)
SENSE
VDD
GATE
GND
FB
RI
U1
2
6
5
3
R12
1
4
UTC UC3863
C12
C6
C11
R20
R21
R22
R18
R17
R16
D4 R15
Q1
R13
+
C7
C10
L
N
F1
3
12
4
LF1
3
12
4
LF2
CX1
R1
R2
4
BD1
3
2
1
R6
R23
C1
C2 +
C3
R7 R8
D1
D3
5
6
4
9
1
3
4
U3
2
R41
R42
3
U4
C45
C46
R43
R45
R46
R47
VOUT+
VOUT GND
T1
R40 C40
D5
A
L1
+
C41
+
C43
C42
CY1
B
BOM
Reference
Component
Reference
Component
BD1
2A_600V
R6, R23
R 1.5M
Ω
C1
CC 10NF/1KV
R7, R8
R 47K
Ω
C2
ELC 82
μF/400V, 105C, ±20%
R12
R 100K
C3
CC 1000pF/1KV
R13
R 4.7
Ω
C6
CC 1nF/50V
R15
R 10
Ω
C10
ELC 10uF/50V; 105
C, ±20%
R16
R 47
Ω
C7, C46
CC,0.1
μF/50V
R17
R 10K
Ω
C11
CC, 68pF/50V
R18
R 1K
Ω
C41, C43
ELC 680
μF/25V, 105C, ±20%
R20, R21
R 1.5
Ω
C45
CC,10nF/50V
R22
R 2.7
Ω
CX1
X-CAP 0.33
μF/275VAC
R40
R 47
Ω
CY1
Y-CAP 1000pF/400V
R41
R 820
Ω
C40
CC 100pF/1KV, SMD1206
R42
R 2.2K
Ω
D4
1N4148, 0.15A/75V
R43
R 680
Ω
D1
1N4007, 1.0A/1000V
R45
R 68K
Ω
D3
BAV20W, 1A/200V
R46
R 10K
Ω
D5
Schottky, 20A/100V
T1
RM-8
F1
Fuse 2.0A/250V
U1
IC UTC UC3863
LF1, LF2
choke
U3
LTV-357-T-C
Q1
10N65, 10A/650V
U4
TL431



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com