Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1652G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US1652G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1652G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US1652G-S08-R Datasheet HTML 1Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 2Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 3Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 4Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 5Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 6Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 7Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 8Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
US1652
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 9
www.unisonic.com.tw
.
QW-R119-027.A
PI N CON FI GU RAT I ON
1
2
3
4
8
7
6
5
VCC-G
VCC
FB
SENSE
GND
GND
Drain
Drain
PI N DESCRI PT I ON
PIN NO.
DIP-8
SOP-8
PIN NAME
DESCRIPTION
1
1
VCC-G
Supply voltage
2
2
VCC
Supply voltage
3
3
FB
Feedback
4
4
SENSE
Current sense input
5, 6
5, 6
DRAIN
Power MOSFET drain
7, 8
7, 8
GND
Ground
BLOCK DI AGRAM
DRAIN
GND
FB
UVLO
Reference Voltage
Oscillator
VCC
Latch
S
RQ
Q
VCC-G
Driver
Frequency
Hopping
Constant Power
Limit
OTP
Logic
Control
OVP
1
3
8
2
5
Soft Start
LEB
Slope
Compensation
Burstmode
OLP
Delay
Time
OCP
PWM COMP
DRAIN
6
CS
4
7
GND
Notes: OLP (Over Load Protection)
OVP (Over Voltage Protection)
OTP (Over Temperature Protection)
OCP (Over Current Protection)
UVLO (Under Voltage Latch-Out)
LEB (Led Edge Blanking)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com