Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1652G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US1652G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1652G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US1652G-S08-R Datasheet HTML 1Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 2Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 3Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 4Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 5Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 6Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 7Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 8Page - Unisonic Technologies US1652G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
US1652
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 9
www.unisonic.com.tw
.
QW-R119-027.A
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
33
V
Input Voltage to FB Pin
VFB
-0.3 ~ 6.5
V
Input Voltage to CS Pin
VCS
-0.3 ~ 6.5
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERAT I N G RAN GE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
10 ~ 24
V
VCC-G Pin Series Resistor
VCC_GR
51 ~ 1000
Ω
Open Frame Output Power for 85~264VAC
PO_MAX
12
W
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VCC=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SUPPLY SECTION
Start Up Current
IST
VCC = VTHD(ON)-1V
2
15
μA
Supply Current with Switch
IOP
VFB= 3.5V
3
5.5
mA
VDD Zener Clamp Voltage
vCLAMP
IVDD=20mA
29
31
33
V
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
18
20
22
V
Min. Operating Voltage
VCC(MIN)
6.5
8
9.5
V
CONTROL SECTION
Feedback Source Current
IFB
VFB=0
240
uA
VFB Open Loop Voltage Level
VFB_Open
5.4
V
Burst-Mode Out FB Voltage
VFB(OUT)
VCS =0
1.42
V
Burst-Mode Enter FB Voltage
VFB(IN)
VCS =0
1.35
V
Normal Initial
VFB = 3.5V
60
65
70
kHz
Switching
Frequency
Burst mode base frequecy
F(SW)
20
kHz
Duty Cycle
DMAX
VFB=3.5V, VCS=0
70
80
90
%
Frequency Hopping
FJ(SW)
-9
+9
%
Frequency Variation VS VCC Deviation
FDV
VCC=10 ~ 20V
10
%
Frequency Variation VS Temperature Deviation
FDT
T=-40 ~ 110°C
10
%
Soft-Start Time
TSOFTS
5
ms
PROTECTION SECTION
OVP Threshold
VOVP
VFB=3.5V
25
26
27
V
OLP Threshold
VFB(OLP)
VCS=0
4.2
V
Delay Time Of OLP
TD-OLP
60
88
120
ms
OTP Threshold
T(THR)
150
°C
CURRENT LIMITING SECTION
Leading Edge Blanking Time
tLEB
200
350
550
nS
Peak Current Limitation
VSENSE-H
VFB=3.9V
0.92
V
Threshold Voltage For Valley
VSENSE-L
VFB=3.9V
0.73 0.79 0.85
V
POWER MOS-TRANSISTOR SECTION
Drain-Source Breakdown Voltage
VDSS
VGS=0V, ID=250
μA
650
V
Turn-on voltage between gate and source
VTH
VDS=VGS, ID=250
μA
2
4
V
Drain-Source Diode Continuous Source Current
IS
2
A
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V,ID=0.8A
4
5.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com