Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU1HP60S-R Datasheet(PDF) 7 Page - Ruichips Semiconductor Co., Ltd

Part # RU1HP60S-R
Description  P-Channel Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1HP60S-R Datasheet(HTML) 7 Page - Ruichips Semiconductor Co., Ltd

  RU1HP60S-R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RU1HP60S
Pk
I f
ti
Package Information
TO263
θ1
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ
Ruichips Semiconductor Co., Ltd
Rev. B– AUG., 2014
7
www.ruichips.com
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.55
4.72
0.173
0.179
0.186
L
1.94
2.30
2.60
0.076
0.091
0.102
A1
0.00
0.10
0.25
0.000
0.005
0.010
L3
1.17
1.29
1.40
0.046
0.051
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
*
*
1.70
*
*
0.067
b
0.76
*
0.90
0.030
*
0.035
L4
b1
1.22
*
1.36
0.048
*
0.054
L2
c
0.33
*
0.47
0.013
*
0.019
θ
0°
*
8°
0°
*
8°
c1
1.22
*
1.32
0.048
*
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
*
9.29
0.339
*
0.366
θ2
1°
3°
5°
1°
3°
5°
E
9.95
*
10.26
0.392
*
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
Φp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.79
0.579
0.594
0.622
2.54BSC
0.100BSC
0.25 BSC
0.01 BSC
2.50 REF
0.098 REF
INCH
SYMBOL
MM
INCH
SYMBOL
MM
θ2
θ1
θ2
θ1
θ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com