Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU1HP60S-R Datasheet(PDF) 2 Page - Ruichips Semiconductor Co., Ltd

Part # RU1HP60S-R
Description  P-Channel Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1HP60S-R Datasheet(HTML) 2 Page - Ruichips Semiconductor Co., Ltd

  RU1HP60S-R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RU1HP60S
El
t i
l Ch
t i ti
Min.
Typ.
Max.
BVDSS
Drain-Source Breakdown Voltage
-100
V
Static Characteristics
VGS=0V, IDS=-250µA
V
100V V
0V
Symbol
Parameter
Test Condition
RU1HP60S
Unit
Electrical Characteristics (T
C=25°C Unless Otherwise Noted)
-1
TJ=125°C
-30
VGS(th)
Gate Threshold Voltage
-2
-4
V
IGSS
Gate Leakage Current
±100
nA
RDS(ON)
④
Drain-Source On-state Resistance
18
25
mΩ
VDS=VGS, IDS=-250µA
IDSS
Zero Gate Voltage Drain Current
VDS=-100V, VGS=0V
µA
VGS=±25V, VDS=0V
VGS=-10V, IDS=-60A
VSD
④
Diode Forward Voltage
-1.5
V
trr
Reverse Recovery Time
175
ns
Qrr
Reverse Recovery Charge
620
nC
ISD=-30A, VGS=0V
ISD=-60A, dlSD/dt=100A/µs
Dynamic Characteristics
⑤
Diode Characteristics
RG
Gate Resistance
2
Ω
Ciss
Input Capacitance
4200
Coss
Output Capacitance
615
Crss
Reverse Transfer Capacitance
380
td(ON)
Turn-on Delay Time
27
VGS=0V,VDS=0V,F=1MHz
VGS=0V,
VDS=-50V,
Frequency=1.0MHz
pF
y
tr
Turn-on Rise Time
83
td(OFF)
Turn-off Delay Time
145
tf
Turn-off Fall Time
40
Qg
Total Gate Charge
164
VDD=-50V,IDS=-60A,
VGEN=-10V,RG=6Ω
Gate Charge Characteristics
⑤
ns
Qg
Total Gate Charge
164
Qgs
Gate-Source Charge
34
Qgd
Gate-Drain Charge
50
Notes:
VDS=-80V, VGS=-10V,
IDS=-60A
①
Pulse width limited by safe operating area.
②
Calculated continuous current based on maximum allowable junction temperature.
③
Limited by TJmax, IAS =-40A, VDD =-60V, RG = 50Ω, Starting TJ = 25°C.
nC
③
Limited by TJmax, IAS 40A, VDD 60V, RG 50Ω, Starting TJ 25 C.
④
Pulse test;Pulse width≤300µs, duty cycle≤2%.
⑤
Guaranteed by design, not subject to production testing.
Ruichips Semiconductor Co., Ltd
Rev. B– AUG., 2014
2
www.ruichips.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com