Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2068 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2068
Description  SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2068 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2068 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2068 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - 2SC2068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2060 ETC-2SC2060 Datasheet
519Kb / 1P
TO-92MOD Plastic-Encapsulate Transistors
logo
Rohm
2SC2060 ROHM-2SC2060 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SC2060 ROHM-2SC2060 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
TRANSYS Electronics Lim...
2SC2060 TEL-2SC2060 Datasheet
55Kb / 1P
Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2060 WINNERJOIN-2SC2060 Datasheet
122Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2068

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC2231 TOSHIBA-2SC2231 Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2242 TOSHIBA-2SC2242 Datasheet
112Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1569 TOSHIBA-2SC1569 Datasheet
244Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1628 TOSHIBA-2SC1628 Datasheet
145Kb / 4P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR (PCT PROCESS)
2SC3425 TOSHIBA-2SC3425_06 Datasheet
177Kb / 6P
Silicon NPN Triple Diffused Type (PCT Process)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2229 TOSHIBA-2SC2229_06 Datasheet
124Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com