Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906814 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906814
Description  Upper part of housing, for COMBICON connection, double-level.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906814 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906814 Datasheet HTML 1Page - PHOENIX CONTACT 2906814 Datasheet HTML 2Page - PHOENIX CONTACT 2906814 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2906814
05.11.2013   Page 1 / 3
Electronic housing - ME 12,5 OT-MSTBO GN - 2906814
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Upper part of housing, for COMBICON connection, double-level.
Product Features
 Tool-free mounting
 Low design width with a high number of positions
 Large assembly area
 Recessed labeling areas
 Same PCB geometry for all design widths
 Inflammability class V0 according to UL 94
 Fast mounting on DIN rails according to EN 60715
 Cost savings thanks to easy device production
 Material and part identification embossed on the housing (recyclability)
 Electronic components can be partially removed
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Metal foot catch
 Functional earth ground contact (EMC) integrated in the housing base
 
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
GTIN
Weight per Piece (excluding packing)
10.73 GRM
Custom tariff number
85472000
Country of origin
Germany


Similar Part No. - 2906814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906810 PHOENIX-2906810 Datasheet
531Kb / 9P
TTC-6P-2X1-24DC-UT-I - Surge protection device
2906811 PHOENIX-2906811 Datasheet
530Kb / 9P
TTC-6P-2-HC-24DC-UT-I - Surge protection device
2906815 PHOENIX-2906815 Datasheet
537Kb / 9P
TTC-6P-1X2-24DC-PT-I - Surge protection device
2906816 PHOENIX-2906816 Datasheet
539Kb / 9P
TTC-6P-2X1-24DC-PT-I - Surge protection device
2906817 PHOENIX-2906817 Datasheet
537Kb / 9P
TTC-6P-2-HC-24DC-PT-I - Surge protection device
More results

Similar Description - 2906814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707738 PHOENIX-2707738 Datasheet
52Kb / 3P
Upper part of housing, double-level, for COMBICON connection, housing width: 35 mm
2735962 PHOENIX-2735962 Datasheet
58Kb / 3P
Upper part of housing, for COMBICON connection, three-level
2853747 PHOENIX-2853747 Datasheet
81Kb / 7P
Upper part of housing, for COMBICON connection, double-level
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2906843 PHOENIX-2906843 Datasheet
101Kb / 7P
Housing upper part, for printed circuit terminal block connection
2907169 PHOENIX-2907169 Datasheet
85Kb / 6P
Upper part of housing, for COMBICON connection, double-level
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
Housing upper part, complete with 4 pairs of COMBICON headers and plugs
2908469 PHOENIX-2908469 Datasheet
52Kb / 3P
Housing upper part, for printed circuit terminal block connection
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2914880 PHOENIX-2914880 Datasheet
57Kb / 3P
Upper part of housing, for COMBICON connection, three-level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com