Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906814 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906814
Description  Upper part of housing, for COMBICON connection, double-level.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906814 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906814 Datasheet HTML 1Page - PHOENIX CONTACT 2906814 Datasheet HTML 2Page - PHOENIX CONTACT 2906814 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2906814
05.11.2013   Page 2 / 3
Electronic housing - ME 12,5 OT-MSTBO GN - 2906814
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color
green
Dimensions
Constructional height
38.5 mm
Width
12.5 mm
Technical data
Inflammability class according to UL 94
V0
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
eCl@ss 8.0
27182702
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC000886
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Approvals
Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com