Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST0612-FC-R001E Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CST0612-FC-R001E
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R001E Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CST0612-FC-R001E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageof
thisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
ModelCST0612CurrentSenseResistor
Reliability Tests
Test Item
Reference Standard
Test Conditions
Test Limits
Temperature Coefficient of Resistance
IEC 60115-1-4.8
JIS-C5201-4.8
+25 °C ~ +125 °C
Refer 4.0
Load Life
IEC 60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated power, 70 °C,
1.5 hours “ON”, 0.5 hours “OFF”
< ±2 %
Short Time Overload
IEC 60115-1-4.13
JIS-C5201-4.13
5 times rated power
for 10 seconds
< ±0.5 %
Moisture No Load
IEC60115-1-4.24.2.1a
JIS-C5201-4.24.2.1a
85 °C, 85 %RH, 1000 hours
< ±0.5 %
Temperature Cycle
IEC60115-1-4.19
JIS-C5201-4.19
-55 °C and +155 °C, 300 cycles,
15 minutes per extreme condition
< ±0.5 %
Resistance to Soldering Heat
IEC60115-1-4.18
JIS-C5201-4.18
260 ° ±5 °C for 10 ±1 seconds,
2 cycles
< ±0.5 %
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245 ±5 °C, 2 ±0.5 seconds
At least 95 % of surface area of
electrode shall be covered with
new solder
High Temperature Exposure
IEC60115-1-4.23.2
JIS-C5201-4.23.2
170 °C, 1000 hours
< ±2 %
Low Temperature Storage
IEC60115-1-4.23.4
JIS-C5201-4.23.4
-55 °C, 1000 hours
< ±0.5 %
Substrate Bending
IEC60115-1-4.33
JIS-C5201-4.33
2 mm bending width
< ±0.5 %
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
100 V DC for 1 minute
> 100 megohms
Product Dimensions
DIMENSIONS:
MM
(INCHES)
3.05±0.25
(.120±.010)
1.65±0.20
(.065±.008)
0.40±0.25
(.016±.010)
0.51±0.13
(.020±.005)
0.51±0.13
(.020±.005)
0.65±0.20
(.026±.008)
1.0
(.039)
0.7
(.028)
0.40
(.016)
0.80
(.031)
2.3
(.091)
Recommended Solder Pad Layout
3.05±0.25
(.120±.010)
1.65±0.20
(.065±.008)
0.40±0.25
(.016±.010)
0.51±0.13
(.020±.005)
0.51±0.13
(.020±.005)
0.65±0.20
(.026±.008)
1.0
(.039)
0.7
(.028)
0.40
(.016)
0.80
(.031)
2.3
(.091)
Copper foil min.
thickness of PCB: 3 oz.
Derating Curve
100
80
60
40
20
0
-55
0
70
170
Ambient Temperature (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com