Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST0612-FC-R001E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CST0612-FC-R001E
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R001E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CST0612-FC-R001E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.00 ± 0.05
(0.157 ± 0.002)
4.00 ± 0.10
(0.157 ± 0.004)
DIA.
1.50 +0.10/-0
(0.059 +0.004/-0)
1.5
(0.059)
DIA. MIN.
3.40 ± 0.10
(0.134 ± 0.004)
5 °
0.22 ± 0.05
(0.008 ± 0.002)
1.04 ± 0.10
(0.041 ± 0.004)
1.77 ± 0.10
(0.070 ± 0.004)
8 °
6.9 ± 0.2
(0.272 ± 0.008)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
8.00 ± 0.10
(0.315 ± 0.004)
USER DIRECTION OF FEED
60.0 ± 1.0
(2.362 ± 0.039)
MIN.
DIA.
DIA.
178 ± 2.0
(7.008 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
9.0 ± 1.0
(0.354 ± 0.039)
11.5 ± 1.0
(0.453 ± 0.039)
ModelCST0612CurrentSenseResistor
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
REV.07/18
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
4,000 PIECES PER REEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com