Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4342 Datasheet(PDF) 4 Page - NEC

Part # 2SC4342
Description  Silicon Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4342 Datasheet(HTML) 4 Page - NEC

  2SC4342 Datasheet HTML 1Page - NEC 2SC4342 Datasheet HTML 2Page - NEC 2SC4342 Datasheet HTML 3Page - NEC 2SC4342 Datasheet HTML 4Page - NEC 2SC4342 Datasheet HTML 5Page - NEC 2SC4342 Datasheet HTML 6Page - NEC 2SC4342 Datasheet HTML 7Page - NEC 2SC4342 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4342
データ・シート D14862JJ2V0DS
4
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
02
13
4
5
3
2
1
0
コレクタ - エミッタ間電圧 VCE (V)
IB = 100
µA
150 µ
A
400
µA
200 µ
A
250
µA
300
µA
120 µA
COLLECTOR CURRENT vs. BASE TO
EMITTER VOLTAGE
ベース - エミッタ間電圧 VBE (V)
01
2
3
3
2
1
0
VCE = 2.0 V
パルス測定
DC CURRENT GAIN vs. COLLECTOR CURRENT
コレクタ電流 IC (A)
0.1
0.01
0.01
1
10
0.1
10
1
VCE = 2.0 V
パルス測定
COLLECTOR SATURATION VOLTAGE
コレクタ電流 IC (A)
0.1
0.01
0.01
1
10
0.1
10
1
IC / IB= 1000
パルス測定
vs. COLLECTOR CURRENT
BASE SATURATION VOLTAGE vs.
コレクタ電流 IC (A)
0.1
0.01
0.01
1
10
0.1
10
1
IC / IB= 1000
パルス測定
COLLECTOR CURRENT
コレクタ電流 IC (A)
0.1
1
10
0.1
10
1
tf
tstg
ton
TURN ON TIME, STORAGE TIME AND FALL TIME
vs. COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com