Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS514
Description  PLL CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS514 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS514 Datasheet HTML 1Page - Integrated Device Technology ICS514 Datasheet HTML 2Page - Integrated Device Technology ICS514 Datasheet HTML 3Page - Integrated Device Technology ICS514 Datasheet HTML 4Page - Integrated Device Technology ICS514 Datasheet HTML 5Page - Integrated Device Technology ICS514 Datasheet HTML 6Page - Integrated Device Technology ICS514 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS514
LOCO™ PLL CLOCK GENERATOR
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK GENERATOR
4
ICS514
REV G 051310
Recommended Operation Conditions
DC Electrical Characteristics
VDD=5.0 V ±5% , Ambient temperature 0 to +70
° C, unless stated otherwise
AC Electrical Characteristics
VDD = 5.0 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage, ICLK only
VIH
ICLK (pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, ICLK only
VIL
ICLK (pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage
VIH
S0
2.0
V
Input Low Voltage
VIL
S0
0.8
V
Input High Voltage
VIH
S1
VDD-0.5
V
Input Mid Voltage
VIM
S1
VDD/2
V
Input Low Voltage
VIL
S1
0.5
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
IDD Operating Supply Current
No load, 66.66
MHz
20
mA
IDD Power-down Supply
Current, 3.3 V
S1=S0=0
1.5
mA
Short Circuit Current
CLK output
+70
mA
On-Chip Pull-up Resistor
Pin 6
270
k
Ω
Input Capacitance, S1, S0
Pins 6, 7
4
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
5
14.31818
27
MHz
Input Frequency, clock input
FIN
2
14.31818
50
MHz
Output Frequency, VDD = 4.5 to 5.5 V
FOUT
14
66.66
140
MHz
Output Frequency, VDD = 3.0 to 3.6 V
FOUT
14
66.66
100
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V
1
ns
Output Clock Duty Cycle
tOD
1.5 V,up to 140 MHz
45
49-51
55
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com