Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS514
Description  PLL CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS514 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS514 Datasheet HTML 1Page - Integrated Device Technology ICS514 Datasheet HTML 2Page - Integrated Device Technology ICS514 Datasheet HTML 3Page - Integrated Device Technology ICS514 Datasheet HTML 4Page - Integrated Device Technology ICS514 Datasheet HTML 5Page - Integrated Device Technology ICS514 Datasheet HTML 6Page - Integrated Device Technology ICS514 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOCO™ PLL CLOCK GENERATOR
ICS514
IDT™ / ICS™ LOCO™ PLL CLOCK GENERATOR
1
ICS514
REV G 051310
Description
The ICS514 LOCOTM is the most cost effective way to
generate a high-quality, high-frequency clock output
from a 14.31818 MHz crystal or clock input. The name
LOCO stands for Low Cost Oscillator, as it is designed
to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques,
the device uses a standard, inexpensive crystal to
produce output clocks up to 66.66 MHz.
Stored in the chip’s ROM is the ability to generate five
different output frequencies, allowing one chip to work
in different speed processor systems.
The device also has a power-down mode that turns off
the clock outputs when both select pins are low. In this
mode, the internal PLL is not running.
Features
• Packaged as 8-pin SOIC or die
• Pb (lead) free package
• IDT’s lowest cost PLL clock plus reference
• Produces common computer frequencies
• Input crystal frequency typically 14.3182 MHz
• Output clock frequencies up to 66.66 MHz from a
14.3182 MHz crystal or input clock
• Low jitter of 50 ps (one sigma)
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Custom frequencies available
• Operating voltage of 3.3 V to 5.5 V
• Power-down mode turns off chip
• 25 mA drive capability at TTL levels
• Advanced, low-power CMOS process
Block Diagram
CLK
PLL Clock
Synthesis
and Control
Circuitry
14.31818 MHz crystal
or clock input
GND
VDD
Crystal
Oscillator
S1:0
X1/ICLK
X2
Optional crystal capacitors
2
REF


Similar Part No. - ICS514

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS514M ICST-ICS514M Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS514MT ICST-ICS514MT Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
More results

Similar Description - ICS514

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
PLL clock generator series
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
PLL clock generator series
logo
Analog Devices
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
PLL clock generator series
RD151TS502US RENESAS-RD151TS502US_15 Datasheet
121Kb / 9P
PLL clock generator series
logo
Analog Devices
AD9576 AD-AD9576 Datasheet
1Mb / 65P
Dual PLL, Asynchronous Clock Generator
9/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com