Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS650-21
Description  SYSTEM PERIPHERAL CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS650-21 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS650-21 Datasheet HTML 1Page - Integrated Device Technology ICS650-21 Datasheet HTML 2Page - Integrated Device Technology ICS650-21 Datasheet HTML 3Page - Integrated Device Technology ICS650-21 Datasheet HTML 4Page - Integrated Device Technology ICS650-21 Datasheet HTML 5Page - Integrated Device Technology ICS650-21 Datasheet HTML 6Page - Integrated Device Technology ICS650-21 Datasheet HTML 7Page - Integrated Device Technology ICS650-21 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS650-21
SYSTEM PERIPHERAL CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ SYSTEM PERIPHERAL CLOCK SOURCE
3
ICS650-21
REV J 051310
External Components
The ICS650-21 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
Decoupling capacitors of 0.01µF must be connected
between each VDD and GND (pins 4 and 6, pins 16 and 14),
as close to the device as possible. For optimum device
performance, the decoupling capacitor should be mounted
on the component side of the PCB. Avoid the use of vias in
the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock outputs and the
loads are over 1 inch, series termination should be used. To
series terminate a 50
Ω trace (a commonly used trace
impedance) place a 33
Ωresistor in series with the clock line,
as close to the clock output pin as possible. The nominal
impedance of the clock output is 20
Ω.
Crystal Information
The crystal used should be a fundamental mode (do not use
third overtone), parallel resonant. Crystal capacitors should
be connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these capacitors
is given by the following equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So, for a
crystal with a 16pF load capacitance, two 20 pF [(16-6) x 2]
capacitors should be used.
13
OFF/14.318M
Output
14.31818 MHz clock output only when ASEL = VDD.
14
GND
Power
Connect to ground.
15
ASEL
Input
ACLK select pin. Determines frequency of audio clock per table above.
16
VDD
Power
Connect to VDD. Must be same value as other VDD. Decouple with pin 14.
17
PCLK3
Output
PCLK output number 3 per table above.
18
PCLK2
Output
PCLK output number 2 per table above.
19
PSEL0
Input
Processor select pin #0. Determines frequencies on PCLKs 1-3 per table
above.
20
PSEL1
Input
Processor select pin #1. Determines frequencies on PCLKs 1-3 per table
above.
Pin
Number
Pin
Name
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com