Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS650-21
Description  SYSTEM PERIPHERAL CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS650-21 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS650-21 Datasheet HTML 1Page - Integrated Device Technology ICS650-21 Datasheet HTML 2Page - Integrated Device Technology ICS650-21 Datasheet HTML 3Page - Integrated Device Technology ICS650-21 Datasheet HTML 4Page - Integrated Device Technology ICS650-21 Datasheet HTML 5Page - Integrated Device Technology ICS650-21 Datasheet HTML 6Page - Integrated Device Technology ICS650-21 Datasheet HTML 7Page - Integrated Device Technology ICS650-21 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS650-21
SYSTEM PERIPHERAL CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ SYSTEM PERIPHERAL CLOCK SOURCE
4
ICS650-21
REV J 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-21. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: With all clocks at highest frequencies.
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.3
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Supply Current
IDD
No load, Note 1
30
mA
Input High Voltage
VIH
Select inputs, OE
2
V
Input Low Voltage
VIL
Select inputs, OE
0.8
V
Output High Voltage
VOH
IOH = -8 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -8 mA
2.4
V
Output Low Voltage
VOL
IOL = 8 mA
0.4
V
Short Circuit Current
IOS
CLK output
±50
mA
Input Capacitance, inputs
Except X1
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com