Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4783 Datasheet(PDF) 3 Page - NEC

Part # 2SC4783
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4783 Datasheet(HTML) 3 Page - NEC

  2SC4783 Datasheet HTML 1Page - NEC 2SC4783 Datasheet HTML 2Page - NEC 2SC4783 Datasheet HTML 3Page - NEC 2SC4783 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet D15616EJ1V0DS
3
2SC4783
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
−5
−2
−1
−10
−100
−20
−50
1000
200
500
100
50
20
10
IE - Emitter Current - mA
VCE = 6 V
1 V
DC CURRENT GAIN vs. COLLECTOR CURRENT
1
0.3
0.1
3
100
10
30
1000
500
200
100
50
20
10
IC - Collector Current - mA
VCE = 6 V
1 V
DC CURRENT GAIN vs. COLLECTOR CURRENT
1
0.3
0.1
3
100
10
30
1000
500
200
100
50
20
10
IC - Collector Current - mA
VCE = 6.0 V
TA = 75˚C
25˚C
−25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com