Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4783 Datasheet(PDF) 1 Page - NEC

Part # 2SC4783
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4783 Datasheet(HTML) 1 Page - NEC

  2SC4783 Datasheet HTML 1Page - NEC 2SC4783 Datasheet HTML 2Page - NEC 2SC4783 Datasheet HTML 3Page - NEC 2SC4783 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
2001
NPN SILICON EPITAXIAL TRANSISTOR
2SC4783
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No.
D15616EJ1V0DS00 (1st edition)
Date Published
July 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SC4783 is NPN silicon epitaxial transistor.
FEATURES
• High DC current gain: hFE2 = 200 TYP.
• High voltage: VCEO = 50 V
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
100
mA
Collector Current (pulse)
Note1
IC(pulse)
200
mA
Total Power Dissipation (TA = 25°C)
Note2
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 3.0 cm
2 x 0.64 mm
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 60 V, IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB = 5.0 V, IC = 0
100
nA
DC Current Gain
Note
hFE1
VCE = 6.0 V, IC = 0.1 mA
50
−
hFE2
VCE = 6.0 V, IC = 1.0 mA
90
200
600
−
Base to Emitter Voltage
Note
VBE
VCE = 6.0 V, IC = 1.0 mA
0.62
V
Collector Saturation Voltage
Note
VCE(sat)
IC = 100 mA, IB = 10 mA
0.15
0.3
V
Base Saturation Voltage
Note
VBE(sat)
IC = 100 mA, IB = 10 mA
0.86
1.0
V
Gain Bandwidth Product
fT
VCE = 6.0 V, IE =
−10 mA
150
250
MHz
Output Capacitance
Cob
VCE = 6.0 V, IE = 0, f = 1.0 MHz
3.0
4.0
pF
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSFICATION
Marking
L4
L5L6L7
hFE2
90 to 180
135 to 270
200 to 400
300 to 600
PACKAGE DRAWING (Unit: mm)
0.3 ± 0.05
2
0.2
+0.1
–0
0.5
1: Emitter
2: Base
3: Collector
0.5
1.0
1.6 ± 0.1
3
1
0.6
0.75 ± 0.05
0 to 0.1
0.1
+0.1
–0.05


Similar Part No. - 2SC4783

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4783 RENESAS-2SC4783 Datasheet
256Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR
2001
2SC4783 RENESAS-2SC4783_15 Datasheet
257Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SC4783

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com