Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2001S Datasheet(PDF) 2 Page - Sanken electric

Part # SSC2001S
Description  Power Factor Correction Continuous Conduction Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2001S Datasheet(HTML) 2 Page - Sanken electric

  SSC2001S Datasheet HTML 1Page - Sanken electric SSC2001S Datasheet HTML 2Page - Sanken electric SSC2001S Datasheet HTML 3Page - Sanken electric SSC2001S Datasheet HTML 4Page - Sanken electric SSC2001S Datasheet HTML 5Page - Sanken electric SSC2001S Datasheet HTML 6Page - Sanken electric SSC2001S Datasheet HTML 7Page - Sanken electric SSC2001S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SANKEN ELECTRIC CO., LTD.
Power Factor Correction
Continuous Conduction Mode Controller
SSC2001S
July 27, 2012
SSC2001S-DS
Features and Benefits (continued)
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Pins
Rating
Unit
VCC Pin Voltage
VCC
7−1
−0.3 to 30
V
VINS Pin Voltage
VINS
4−1
−0.3 to 5.5
V
ICOMP Pin Voltage
VICOMP
2−1
−0.3 to 5.5
V
IS Pin Voltage
VIS
3−1
−5.5 to 0.3
V
IS Pin Current
IIS
3−1
−1 to 1
mA
VFB Pin Voltage
VFB
6−1
−0.3 to 5.5
V
VFB Pin Current
IFB
6−1
−1 to 1
mA
VCOMP Pin voltage
VVCOMP
5−1
−0.3 to 5.5
V
GATE Pin voltage
VGATE
8−1
−0.3 to 30
V
Frame Temperature during Operation
TFOP
−−40 to 110
°C
Storage Temperature
Tstg
−−40 to 125
°C
Junction Temperature
TJ
−−40 to 150
°C
• Protection functions:
▫ Output overvoltage protection (OVP): turns off gate output on
pulse-by-pulse basis, with auto restart
▫ Overcurrent protection (OCP): two types, both with auto
restart:
– VIS(OCPL) : limits power by reducing duty cycle of next cycle
after detection
– VIS(OCPH) : turns off gate output on pulse-by-pulse basis
▫ Open loop detection (OLD) on output: stops oscillation, and
the operation switches to standby mode; auto restart after
removal of cause of open loop



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com