Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2001S Datasheet(PDF) 3 Page - Sanken electric

Part # SSC2001S
Description  Power Factor Correction Continuous Conduction Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2001S Datasheet(HTML) 3 Page - Sanken electric

  SSC2001S Datasheet HTML 1Page - Sanken electric SSC2001S Datasheet HTML 2Page - Sanken electric SSC2001S Datasheet HTML 3Page - Sanken electric SSC2001S Datasheet HTML 4Page - Sanken electric SSC2001S Datasheet HTML 5Page - Sanken electric SSC2001S Datasheet HTML 6Page - Sanken electric SSC2001S Datasheet HTML 7Page - Sanken electric SSC2001S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SANKEN ELECTRIC CO., LTD.
Power Factor Correction
Continuous Conduction Mode Controller
SSC2001S
July 27, 2012
SSC2001S-DS
Electrical Characteristics Unless specifically noted, TA is 25°C, VCC = 15 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Start-up Operation
Operation Start Voltage
VCC(ON)
7−1
10.5
11.3
12.1
V
Operation Stop Voltage
VCC(OFF)
7−1
9.5
10.3
11.1
V
Operation Voltage Hysteresis
VCC(HYS)
7−1
0.7
0.9
1.1
V
Circuit Current in Non-Operation
ICC(OFF)
VCC = 10 V
7−1
30
100
200
μA
Circuit Current in Operation
ICC(ON)
7−1
6.0
9.0
12.0
mA
Circuit Current in Standby
ICC(STANDBY) VFB = 0.5 V
7−1
2.0
4.0
6.0
mA
Oscillator Operation
Oscillating Frequency
fOSC
VIS = 0 V, VVCOMP = 4 V
8−1
576570
kHz
Maximum Duty Cycle
DMAX
VIS = 0 V, VVCOMP = 4 V
8−1
90
94
99.3
%
Minimum Duty Cycle
DMIN
VIS = 0.5 V, VVCOMP = 0 V
8−1
−−
0%
Minimum Off-Time*
tOFFMIN
8−1
150
250
350
ns
Protection Operation
VFB Pin Open Loop Detection
Threshold Voltage
VFB(OLD)
6−1
0.51
0.55
0.59
V
VFB Pin Overvoltage Protection
Threshold Voltage
VFB(OVP)
6−1
3.57
3.745
3.85
V
IS Pin Overcurrent Protection High
Threshold Voltage
VIS(OCPH)
3−1
−0.81
−0.75
−0.69
V
IS Pin Overcurrent Protection Low
Threshold Voltage
VIS(OCPL)
3−1
−0.54
−0.5
−0.46
V
VINS Pin Input Undervoltage
Protection Low Threshold Voltage
VINS(L)
VVINS = 0 V
4−1
0.51
0.55
0.59
V
VINS Pin Input Undervoltage
Protection High Threshold Voltage
VINS(H)
4−1
0.94
1.0
1.08
V
VINS Pin Input Undervoltage
Protection Bias Current
IVINS(BIAS)
4−1
−1.0
−
0
μA
Current Loop
Current Amplifier Transconductance
Gain
gmCA
−
1.1
1.4
1.7
ms
Current Amplifier Output Source
Current*
ICA(SO)
−−
−50
−μA
Current Amplifier Output Sink Current*
ICA(SK)
−−
50
−μA
ICOMP Pin Output Open Loop
Detection Threshold Voltage
VICOMP(OLD) VFB=0.5V
2−1
3.6
4.0
4.3
V
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com