Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2016S Datasheet(PDF) 21 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 21 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric SSC2016S Datasheet HTML 19Page - Sanken electric SSC2016S Datasheet HTML 20Page - Sanken electric SSC2016S Datasheet HTML 21Page - Sanken electric SSC2016S Datasheet HTML 22Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
21
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
● Transformer Specification
Primary Inductance : 290
μH
Core Size
: EER28
AL-Value
: 92.5 nH/N
2
Gap Length
: 1.2 mm (center gap)
Winding Specification
Location
Symbol
Number of
Turns (turns)
Wire (mm)
Configuration
Note
Primary Winding
P1
56
φ 0.20 × 10
Solenoid winding
Litz wire
Auxiliary Winding
D
8
φ 0.32
Solenoid winding
Bobbin
D
P1
AC input
Drain
VCC, ZCD
GND
P1
D
●mark shows the start point of winding
Cross-section view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com