Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2016S Datasheet(PDF) 3 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 3 Page - Sanken electric

  SSC2016S Datasheet HTML 1Page - Sanken electric SSC2016S Datasheet HTML 2Page - Sanken electric SSC2016S Datasheet HTML 3Page - Sanken electric SSC2016S Datasheet HTML 4Page - Sanken electric SSC2016S Datasheet HTML 5Page - Sanken electric SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
3
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
1.
Absolute Maximum Ratings
Current polarities are defined as follows: a current flow going into the IC (sinking) is positive current (+); and a
current flow coming out of the IC (sourcing) is negative current (
−).
Unless specifically noted TA = 25 °C.
Parameter
Symbol
Conditions
Pins
Rating
Unit
Remarks
FB Pin Voltage
VFB
1 – 6
− 0.3 to 5
V
CT Pin Voltage
VCT
2 – 6
− 0.3 to 5
V
COMP Pin Voltage
VCOMP
3 – 6
− 0.3 to 5
V
COMP Pin Current
ICOMP
3 – 6
− 100 to 100
µA
CS Pin Voltage (DC)
VCS(DC)
4 – 6
− 0.3 to 5
V
CS Pin Voltage (Pulse)
VCS(PULSE)
Pulse with =1µs
4 – 6
− 2 to 5
V
ZCD Pin Voltage
VZCD
5 – 6
− 10 to 10
V
ZCD Pin Current
IZCD
5 – 6
− 10 to 10
mA
OUT Pin Voltage
VOUT
7 – 6
− 0.3 to V
CC + 0.3
V
OUT Pin Source Current
IOUT(SRC)
7 – 6
− 500
mA
OUT Pin Sink Current
IOUT(SNK)
7 – 6
1000
mA
VCC Pin Voltage
VCC
8 – 6
28
V
Allowable Power Dissipation
PD
−
0.5
W
Operating Ambient Temperature
TOP
−
−40 to 110
°C
Storage Temperature
Tstg
−
−40 to 150
°C
Junction Temperature
Tj
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com