Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS2-60AT2AP Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSS2-60AT2AP
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS2-60AT2AP Datasheet(HTML) 1 Page - IXYS Corporation

  DSS2-60AT2AP Datasheet HTML 1Page - IXYS Corporation DSS2-60AT2AP Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 IXYS All rights reserved
IXYS reserves the right to change limits, conditions and dimensions.
DSS 2-60AT2
MAX
D
I
K
J
G
F
H
E
B
C
C1
A
MIN
SYMBOL
NOMINAL TOLERANCE
INCHES
Symbol
Conditions
Maximum Ratings
I
FRMS
8A
I
FAV
T
C = 85
°C; rectangular, d = 0.5
2
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
10
A
(dv/dt)
cr
1000
V/
μs
T
VJ
-40...+175
°C
T
VJM
175
°C
T
stg
-40...+125
°C
P
tot
T
S = 25
°C
1.8
W
Weight
typical
0.5
g
I
FAV
= 2 A
V
RRM = 60 V
V
F
= 0.75 V
V
RSM
V
RRM
Type
Marking
V
V
on product
60
60
DSS 2-60AT2
D2-60A
60
60
DSS 2-60AT2AP
D2-60A
Symbol
Conditions
Characteristic Values
(T
J = 25
OC unless otherwise specified)
Typ.
Max.
I
R
V
R
= V
RRM
1.0
mA
V
R
= V
RRM, TVJ = 125°C
2.5
mA
V
F
I
F = 2 A;
T
VJ = 125°C
0.48
V
I
F = 2 A
0.75
V
R
thJS
Thermal resistance junction-to-PC board
80
K/W
C
T
V
R =25 V; f = 1 MHz
190
pF
DS99499A (09/06)
TO-92 Package
A
A
C
A = Anode
C = Cathode
TO-92 Package Outline
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Pulse Width = 300
μs, Duty Cycle < 2.0 %
Leads:
1, 2: Anode
3: Cathode
C
A
Part Number
Shipping
Quantity
Container
DSS2-10AT2
Bulk
1,000
DSS 2-60AT2AP Ammo Pack
2,000
Ordering Information
Schottky Diode


Similar Part No. - DSS2-60AT2AP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSS2-60BB IXYS-DSS2-60BB Datasheet
34Kb / 1P
Power Schottky Rectifier
More results

Similar Description - DSS2-60AT2AP

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com