Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS2-60AT2AP Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSS2-60AT2AP
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS2-60AT2AP Datasheet(HTML) 2 Page - IXYS Corporation

  DSS2-60AT2AP Datasheet HTML 1Page - IXYS Corporation DSS2-60AT2AP Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 IXYS All rights reserved
IXYS reserves the right to change limits, conditions and dimensions.
DSS 2-60AT2
Fig. 1. Typical Forward Current vs.
Forward Voltage
0.1
1
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VF - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 3. Typical Junction Capacitance vs.
Reverse Voltage
100
1,000
0
5
10
15
20
25
30
35
40
VR - Volts
f = 1 MHz
TVJ = 25ºC
Fig. 2. Typical Reverse Current vs.
Virtual Junction Temperature
10
100
1000
25
35
45
55
65
75
85
95
105
115
125
TVJ - Degrees Centigrade
VR = 60V
Fig. 4. Maximum Transient
Thermal Resistance
0.1
1.0
10.0
100.0
0.001
0.01
0.1
1
10
100
Pulse Width - Seconds



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com