Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 54Page - Analog Devices AD9554BCPZ Datasheet HTML 55Page - Analog Devices AD9554BCPZ Datasheet HTML 56Page - Analog Devices AD9554BCPZ Datasheet HTML 57Page - Analog Devices AD9554BCPZ Datasheet HTML 58Page - Analog Devices AD9554BCPZ Datasheet HTML 59Page - Analog Devices AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices AD9554BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 58 of 116
REGISTER MAP
Register addresses that are not listed in Table 32 are not used, and writing to those registers has no effect. Write the default value to
sections of registers marked reserved. In the option column, R = read only; A = autoclear; E = excluded from EEPROM loading; W1, W2,
W3, W5, W6, W7, and W8 = write detection (see Table 30 for more information); and L = live (IO_UPDATE not required for register to
take effect or for a read only register to be updated). N/A = not applicable.
Table 32.
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
Serial Control Port and Part Identification
0x0000
L, E
SPI Config A
Soft reset
LSB first
(SPI only)
Address
ascension
(SPI only)
SDO active
(SPI only)
SDO active
(SPI only)
Address
ascension
(SPI only)
LSB first
(SPI only)
Soft reset
0x00
0x0001
L, E
SPI Config B
Reserved
Read buffer
register
Reserved
Reset sans-
regmap
Reserved
0x00
0x0002
E
Reserved
Reserved
0x00
0x0003
R
Chip type
Reserved
Chip type, Bits[3:0]
0x05
0x0004
R
Product ID
Clock part serial ID, Bits[3:0]
Reserved
0x9F
0x0005
R
Clock part serial ID, Bits[11:4]
0x00
0x0006
R
Revision
Part version, Bits[7:0]
0x05
0x0007
Reserved
Reserved
0x00
0x0008
Reserved
Reserved
0x00
0x0009
Reserved
Reserved
0x00
0x000A
Reserved
Reserved
0x00
0x000B
R
SPI version
SPI version, Bits[7:0]
0x00
0x000C
R
Vendor ID
Vendor ID, Bits[7:0]
0x56
0x000D
R
Vendor ID, Bits[15:8]
0x04
0x000E
Reserved
Reserved
0x00
0x000F
L, A, E
IO_UPDATE
Reserved
IO_UPDATE
0x00
User Scratchpad
0x00FE
L
User
scratchpad
User scratchpad[7:0]
0x00
0x00FF
L
User scratchpad[15:8]
0x00
General Configuration
0x0100
Mx pin
drivers
M3 driver mode, Bits[1:0]
M2 driver mode, Bits[1:0]
M1 driver mode, Bits[1:0]
M0 driver mode, Bits[1:0]
0x00
0x0101
M7 driver mode, Bits[1:0]
M6 driver mode, Bits[1:0]
M5 driver mode, Bits[1:0]
M4 driver mode, Bits[1:0]
0x00
0x0102
Reserved
M9 driver mode, Bits[1:0]
M8 driver mode, Bits[1:0]
0x00
0x0103
W7
M0FUNC
M0
output/
input
M0 function, Bits[6:0]
0x00
0x0104
W7
M1FUNC
M1
output/
input
M1 function, Bits[6:0]
0x00
0x0105
W7
M2FUNC
M2
output/
input
M2 function, Bits[6:0]
0x00
0x0106
W7
M3FUNC
M3
output/
input
M3 function, Bits[6:0]
0x00
0x0107
W7
M4FUNC
M4
output/
input
M4 function, Bits[6:0]
0x00
0x0108
W7
M5FUNC
M5
output/
input
M5 function, Bits[6:0]
0x00
0x0109
W7
M6FUNC
M6
output/
input
M6 function, Bits[6:0]
0x00
0x010A
W7
M7FUNC
M7
output/
input
M7 function, Bits[6:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com