Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9554BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 10Page - Analog Devices AD9554BCPZ Datasheet HTML 11Page - Analog Devices AD9554BCPZ Datasheet HTML 12Page - Analog Devices AD9554BCPZ Datasheet HTML 13Page - Analog Devices AD9554BCPZ Datasheet HTML 14Page - Analog Devices AD9554BCPZ Datasheet HTML 15Page - Analog Devices AD9554BCPZ Datasheet HTML 16Page - Analog Devices AD9554BCPZ Datasheet HTML 17Page - Analog Devices AD9554BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 14 of 116
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
100
ns
Capacitive Load for Each Bus Line, Cb
400
pF
LOGIC INPUTS (RESET, M9 TO M0)
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESET PIN
Valid for VDD_SP = 1.5 V, VDD_SP = 1.8 V, and VDD_SP = 2.5 V
Input High Voltage (VIH)
VDD_SP −0.5
V
Input Low Voltage (VIL)
0.5
V
Input Current (IINH, IINL)
±85
±125
μA
Input Capacitance (CIN)
3
pF
LOGIC INPUTS (M9 to M0)
Valid for VDD = 1.5 V, and VDD = 1.8 V
Input High Voltage (VIH)
VDD − 0.5
V
Input Low Voltage (VIL)
0.6
V
Input Current (IINH, IINL)
±15
±25
μA
Input Capacitance (CIN)
5
pF
LOGIC OUTPUTS (M9 TO M0)
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (M9 to M0)
VDD = 1.5 V and VDD = 1.8 V
Output High Voltage (VOH)
VDD − 0.2
V
IOH = 1 mA using high drive strength (see Register 0x011E)
Output Low Voltage (VOL)
0.2
V
IOL = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com