Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0437WC080 Datasheet(PDF) 3 Page - IXYS Corporation

Part # M0437WC080
Description  Soft Recovery Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

M0437WC080 Datasheet(HTML) 3 Page - IXYS Corporation

  M0437WC080 Datasheet HTML 1Page - IXYS Corporation M0437WC080 Datasheet HTML 2Page - IXYS Corporation M0437WC080 Datasheet HTML 3Page - IXYS Corporation M0437WC080 Datasheet HTML 4Page - IXYS Corporation M0437WC080 Datasheet HTML 5Page - IXYS Corporation M0437WC080 Datasheet HTML 6Page - IXYS Corporation M0437WC080 Datasheet HTML 7Page - IXYS Corporation M0437WC080 Datasheet HTML 8Page - IXYS Corporation M0437WC080 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Soft Recovery Diode Types M0437WC080 to M0437WC140
Data Sheet. Types M0437WC080 to M0437WC140 Issue 3
Page 3 of 11
October 2014
Notes on Ratings and Characteristics
1.0 Voltage Grade Table
Voltage Grade
VRRM
(V)
VRSM
(V)
VR dc
(V)
08
800
900
560
14
1400
1500
930
2.0 De-rating Factor
A blocking voltage de-rating factor of 0.13% per °C is applicable to this device for Tj below 25°C.
3.0 ABCD Constants
These constants (applicable only over current range of VF characteristic in Figure 1) are the coefficients of
the expression for the forward characteristic given below:
F
F
F
F
I
D
I
C
I
B
A
V
)
ln(
where IF = instantaneous forward current.
4.0 Reverse recovery ratings
(i) Qra is based on 50% Irm chord as shown in Fig.(a) below.
(ii) Qrr is based on a 150
s integration time.
I.e.
s
rr
rr
dt
i
Q
150
0
.
(iii)
2
1
t
t
Factor
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com