Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0437WC080 Datasheet(PDF) 5 Page - IXYS Corporation

Part # M0437WC080
Description  Soft Recovery Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

M0437WC080 Datasheet(HTML) 5 Page - IXYS Corporation

  M0437WC080 Datasheet HTML 1Page - IXYS Corporation M0437WC080 Datasheet HTML 2Page - IXYS Corporation M0437WC080 Datasheet HTML 3Page - IXYS Corporation M0437WC080 Datasheet HTML 4Page - IXYS Corporation M0437WC080 Datasheet HTML 5Page - IXYS Corporation M0437WC080 Datasheet HTML 6Page - IXYS Corporation M0437WC080 Datasheet HTML 7Page - IXYS Corporation M0437WC080 Datasheet HTML 8Page - IXYS Corporation M0437WC080 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Soft Recovery Diode Types M0437WC080 to M0437WC140
Data Sheet. Types M0437WC080 to M0437WC140 Issue 3
Page 5 of 11
October 2014
7.0 Computer Modelling Parameters
7.1 Device Dissipation Calculations
T
AV
T
T
T
AV
r
ff
W
r
ff
V
V
I
2
2
0
0
2
4
Where VT0 =1.02V, rT = 0.7m
ff = form factor (normally unity for fast diode applications)
K
MAX
j
th
AV
T
T
T
R
T
W
)
(
7.2 Calculation of VF using ABCD Coefficients
The forward characteristic IF Vs VF, on page 6 is represented in two ways;
(i)
the well established VT0 and rT tangent used for rating purposes and
((iiii))
a set of constants A, B, C, and D forming the coefficients of the representative equation for VF in
terms of IF given below:
F
F
F
F
I
D
I
C
I
B
A
V
)
ln(
The constants, derived by curve fitting software, are given in this report for hot characteristics. The
resulting values for VF agree with the true device characteristic over a current range, which is limited to
that plotted.
25°C Coefficients
125°C Coefficients
A
1.302374
1.045854
B
-0.0506835
-9.16642×10-3
C
0.55207×10-3
0.673625×10-3
D
9.58025×10-3
1.694905×10-3
8.0 Frequency Ratings
The curves illustrated in figures 4 to 12 are for guidance only and are superseded by the maximum ratings
shown on page 1.
9.0 Square wave ratings
These ratings are given for load component rate of rise of forward current of 100 and 500 A/µs.
10.0 Duty cycle lines
The 100% duty cycle is represented on all the ratings by a straight line. Other duties can be included as
parallel to the first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com