Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD26AH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # STCD26AH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

STCD26AH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  STCD26AH Datasheet HTML 1Page - Zowie Technology Corporation STCD26AH Datasheet HTML 2Page - Zowie Technology Corporation STCD26AH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
* Halogen-free type
* Compliance to RoHS product
* Leadless chip form, no lead damage
* Glass passivated chip
* 200 watts peak pulse power capability with a
10/1000 us waveform, repetitive rate (duty cycle) : 0.01%
* Low leakage
* Uni and bidirectional unit
* Excellent clamping capability
* Very fast response time
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Color band denotes positive end (cathode) except
for bidirectional types
Marking : Cathode Band, Laser marking
Weight : 0.012 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature unless otherwise specified.
NOTES :
Zowie Technology Corporation
REV. 0
STCDH SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Working Voltage - 5.0 ~ 190 Volts
Peak Pulse Power - 200 Watts
SYMBOL
VALUE
RATING
TJ,TSTG
-50 to +150
Operating junction and Storage Temperature Range
o
C
UNITS
PPPM
200
Watts
Peak power dissipation with a 10/1000us waveform (Note 1)
PPPM
1000
Watts
Peak power dissipation with a 8/20us waveform (Note 1)
IPPM
See Next Table
Amps
Peak pulse current with a 10/1000uS waveform (Note 1)
PD
0.4
Watts
Power dissipation on infinite heatsink at TL = 75℃
IFSM
20
Amps
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only (Note 2)
VF
3.5
Volts
Maximum instantaneous forward voltage at 25 A for unidirectional only
*Dimensions in inches and (millimeters)
1206
0.142 (3.60)
R0.0
16 (0.
40)
0.126 (3.20)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)
(1) Non-repetitive current pulse, per Fig. 5 and derated above TA= 25
o
C per Fig. 1
(2) Measured 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum.


Similar Part No. - STCD26AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD22-0 STMICROELECTRONICS-STCD22-0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD23-0 STMICROELECTRONICS-STCD23-0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD23x0 STMICROELECTRONICS-STCD23x0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
STCD24-0 STMICROELECTRONICS-STCD24-0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
More results

Similar Description - STCD26AH

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com