Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP036-RBBN2 Datasheet(PDF) 2 Page - Sparkle Power Inc.

Part # FSP036-RBBN2
Description  AC?륞C POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP036-RBBN2 Datasheet(HTML) 2 Page - Sparkle Power Inc.

  FSP036-RBBN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
w
E
 
M
www.sparkle
Output 
Input 
Protection 
Safety & 
Compliance 
Environment 
Other 
Note 
echanica
 
SP
FSP0
epower.com
Mo
Rated Voltage 
Current 
Watts 
Voltage Regula
Overshoot 
Dynamic Load C
Ripple & Noise 
Turn on Time (M
Rise Time (Max
Hold up Time (
Efficiency (Typi
Voltage Range 
Frequency Ran
Current (Max.) 
Inrush Current 
full load,25°C) 
Leakage Curren
No Load Power
Short Circuit Pr
Over Current P
Over Voltage P
Over Temperat
Protection 
Safety Approva
EMI/EMC 
RoHS 
Hi Pot 
Insulation Resis
Operating Tem
Humidity 
Storage Tempe
Humidity 
Vibration 
Dimension ((L*
Adapter Weigh
MTBF 
Contact SPI 
al Drawing
PAR
036/045‐
m       Tel: 1‐4
del 
tion 
Change 
(Max.) 
Max.) 
x.) 
Min.) 
cal) 
ge 
(cold start, 
nt (Max.) 
r Consumption 
rotection 
rotection 
rotection 
ture 
als 
stance 
perature/ 
erature/ 
W*H) 
ht (Typical) 
for further infor
g (mm) 
KLE 
‐RxBN2 S
08‐519‐8888
FSP036
12
0 ~
36
300m
87% ~
DOE IV / 
1.
81.2A@
83.2A@
ou
ou
o
outp
‐20~40⁰C
‐20~75⁰
(1)Non‐op
         And main
(2)PSD=3.1
(3)Vibratio
(4)Vibratio
(5)Force D
rmation 
POW
eries AC‐
 
8/1‐626‐839
‐ 2 ‐ 
6‐RBBN2 
2V 
~ 3A 
6W 
mVp‐p 
~ 88% 
CoC Tier 1 
2A 
@100Vac 
@240Vac 
tput shut down 
tput shut down 
utput shut down
ut shut down at
In
  In
C/10~90% 
C/5~90% 
erating, 0.01g2/
ntain 0.02g2/Hz 
13grms, 15 minu
on duration:15m
on waveform: Ra
Direction X,Y,Z 
Above
WER
‐DC POW
9‐7180       E‐
FSP045
19
0 ~ 2
45
±2.
±10
±10
380m
3S
100
5m
87% ~
DOE IV / C
90 ~ 2
47 ~ 63H
1.
66.4A@
86.4A@
0.25mA at 2
0.1
and auto‐recov
and auto‐recov
n at 160% of vol
t abnormal temp
CB,UL/c
FCC  Part 15
2011/
nput to output 1
nput to Output a
/Hz at 5Hz,slopp
 from 20Hz ~ 50
utes/axis 
minutes 
andom 
89.8 x 37.8
25
e 100K hours, Te
R INC
WER SUPP
‐Mail: sparkl
5‐REBN2 
9V 
2.37A 
5W 
.5% 
0% 
0% 
mVp‐p 
Sec 
0ms 
ms 
~ 88% 
CoC Tier 1 
264Vac 
Hz(±1Hz) 
5A 
@110Vac 
@240Vac 
64VAC/50Hz  
1W 
very after Fault c
very after Fault c
ltage and recove
perature and rec
cUL, TUV 
Class B, EMC 
/65/EU  
.5KV for 1 minut
at 500Vdc ≥20M
0~40⁰C/
‐20~70⁰C
ping to 0.02g2/H
00Hz 
8 x 27.5 mm  
50g
 
elcordia SR‐332 (
C.
  
LY 
le@sparklep
FSP045‐
24
0 ~ 1
45
380m
88% ~
DOE IV / C
1.5
59.6A@
99.5A @
condition remov
condition remov
ery after AC rese
covery after AC r
te 
MΩ 
/20~80% 
C/10~90% 
z at 20Hz, 
(25⁰C) 
power.com
‐RABN2 
4V 
1.9A 
5W 
mVp‐p 
~ 89% 
CoC Tier 1 
5A 
@110Vac 
@240Vac 
ved  
ved 
et 
reset 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com