Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP036-RBBN2 Datasheet(PDF) 4 Page - Sparkle Power Inc.

Part # FSP036-RBBN2
Description  AC?륞C POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP036-RBBN2 Datasheet(HTML) 4 Page - Sparkle Power Inc.

  FSP036-RBBN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP036-RBBN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
w
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Not
 
www.sparkle
te: Contact SP
 
SP
FSP0
epower.com
PI for further 
PAR
036/045‐
m       Tel: 1‐4
1: ‐V        
 
Center: +
Sleeve: ‐V
 
Center: +
Sleeve: ‐V
Center: +
Sleeve: ‐V
Center: +
Sleeve: ‐V
Center: +
Sleeve: ‐V
information 
KLE 
‐RxBN2 S
08‐519‐8888
  2: +V
2
h
3
t
o
+V 
V 
B
c
(
+V 
V 
B
c
(
+V 
V 
B
f
&
+V 
V 
B
f
&
+V 
V 
E
t
E
POW
eries AC‐
 
8/1‐626‐839
‐ 4 ‐ 
2‐pin receptacl
housing Molex 
3025 with fema
erminal #5556
or equivalent 
Barrel female 
connector  
Fork & Groove
Barrel female 
connector  
Fork & Groove
Barrel right ang
emale connect
& Groove type)
Barrel right ang
emale connect
& Groove type)
EIAJ RC‐5320A 
ype B with inte
EIAJ‐05 plug 
WER
‐DC POW
9‐7180       E‐
e 
39‐01‐
ale 
6 series 
FS
FS
FS
e type) 
FS
FS
FS
e type) 
FS
FS
FS
gle  
tor (Fork 
) 
FS
FS
FS
gle  
tor (Fork 
) 
FS
FS
FS
plug 
ernal pin 
FS
FS
FS
R INC
WER SUPP
‐Mail: sparkl
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
P036‐RBBN2 
P045‐REBN2 
P045‐RABN2 
C.
  
LY 
le@sparklep
Molex plug
01‐2021 w
terminal #5
or equivale
Switchcraf
Type: RA71
equivalent
Switchcraf
Type: RA72
equivalent
Switchcraf
Type: RA71
equivalent
Barrel righ
female con
& Groove t
Lumberg 1
Lumberg 1
equivalent
power.com
g housing 39‐
with male 
5558 series 
ent 
ft, 
12 or 
t 
ft, 
22 or 
t 
ft, 
12 or 
t 
t angle  
nnector (Fork 
type) 
1613 11 or 
1614 05 or 
t 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com