Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2322016 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2322016
Description  VARIOFACE front adapters, for Honeywell C300, series C I/O, max. 1 x 16 channels can be connected. (50-pos.FLK connector)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2322016 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2322016 Datasheet HTML 1Page - PHOENIX CONTACT 2322016 Datasheet HTML 2Page - PHOENIX CONTACT 2322016 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2322016
09/03/2014   Page 1 / 3
Front adapters - FLKM 50-PA-HW/C300 - 2322016
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
VARIOFACE front adapters, for Honeywell C300, series C I/O, max. 1 x 16 channels can be connected. (50-pos.
FLK connector)
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
100.0 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Nominal voltage UN
< 50 V AC
60 V DC
Max. permissible current
1 A (per path)
4 A (per connection, supply via separate power supply)
Connection type, connector
IDC/FLK pin strip (2.54 mm)
Number of connectors
1
No. of positions, connector
50
Number of positions
50
Mounting position
any
Standards/regulations
DIN EN 50178
IEC 60664
IEC 62103
Pollution degree
2
Surge voltage category
II
Ambient conditions


Similar Part No. - 2322016

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
23220 CANDD-23220 Datasheet
51Kb / 2P
Bobbin Wound Surface Mount Inductors
logo
PHOENIX CONTACT
2322029 PHOENIX-2322029 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-D37/HW/C300
2322032 PHOENIX-2322032 Datasheet
60Kb / 2P
Splitting cable (Fujitsu FCN 24-pos. on two FLK 14-pos.) for GE-Fanuc 90-30; cable length: 1.5 m
2322045 PHOENIX-2322045 Datasheet
71Kb / 6P
Interface module - VIP-2/SC/FLK10/LED
2322058 PHOENIX-2322058 Datasheet
56Kb / 3P
Interface module - VIP-2/SC/FLK14/LED
More results

Similar Description - 2322016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302722 PHOENIX-2302722 Datasheet
64Kb / 3P
VARIOFACE front adapter, for SIMATIC S7-300 analog I/O cards, 2 x 8 channels can be connected.
2321800 PHOENIX-2321800 Datasheet
105Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 2 m
2322443 PHOENIX-2322443 Datasheet
117Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 0.5m
2322456 PHOENIX-2322456 Datasheet
105Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 1 m
2322485 PHOENIX-2322485 Datasheet
105Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 3 m
2322498 PHOENIX-2322498 Datasheet
105Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 4 m
2322508 PHOENIX-2322508 Datasheet
105Kb / 4P
VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 5 m
2322029 PHOENIX-2322029 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-D37/HW/C300
2900924 PHOENIX-2900924 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-2D15/HW/DO/C300
2901879 PHOENIX-2901879 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-2D15/HW/DI/C300
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com