Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2322016 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2322016
Description  VARIOFACE front adapters, for Honeywell C300, series C I/O, max. 1 x 16 channels can be connected. (50-pos.FLK connector)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2322016 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2322016 Datasheet HTML 1Page - PHOENIX CONTACT 2322016 Datasheet HTML 2Page - PHOENIX CONTACT 2322016 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2322016
09/03/2014   Page 2 / 3
Front adapters - FLKM 50-PA-HW/C300 - 2322016
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Connection data, power supply
Connection method
Spring-cage connection
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Supported controller
Controller
HONEYWELL C300
- suitable I/O card
TDIL01 (non-redundant)
TDOB01 (non-redundant)
Classifications
eCl@ss
eCl@ss 4.0
27250313
eCl@ss 4.1
27250313
eCl@ss 5.0
27250313
eCl@ss 5.1
27250313
eCl@ss 6.0
27261206
eCl@ss 7.0
27440201
eCl@ss 8.0
27440201
ETIM
ETIM 2.0
EC001423
ETIM 3.0
EC001423
ETIM 4.0
EC001604
ETIM 5.0
EC002584
UNSPSC
UNSPSC 6.01
30211824
UNSPSC 7.0901
39121402
UNSPSC 11
39121402
UNSPSC 12.01
39121402



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com