Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5801 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5801 Datasheet HTML 1Page - National Semiconductor (TI) CLC5801 Datasheet HTML 2Page - National Semiconductor (TI) CLC5801 Datasheet HTML 3Page - National Semiconductor (TI) CLC5801 Datasheet HTML 4Page - National Semiconductor (TI) CLC5801 Datasheet HTML 5Page - National Semiconductor (TI) CLC5801 Datasheet HTML 6Page - National Semiconductor (TI) CLC5801 Datasheet HTML 7Page - National Semiconductor (TI) CLC5801 Datasheet HTML 8Page - National Semiconductor (TI) CLC5801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
±7V
I
OUT Short Circuit protected to
ground. Maximum reliability is
obtained if I
OUT does not exceed:
125mA
Common-Mode Input Voltage
±V
CC
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (soldering 10 sec)
+300˚C
ESD (human body model)
1000V
Operating Rating(Note 1)
Thermal Resistance (
θ
JC)
SOIC
65˚C/W
SOT23-5
115˚C/W
Thermal Resistance (
θ
JA)
SOIC
145˚C/W
SOT23-5
185˚C/W
Temperature Range
−40˚C to +85˚C
Recommended Gain Range
±10 to ±1000V/V
Electrical Characteristics
(T
A= 25˚C, VCC = ±5V, Rg = 26.1Ω,Rf= 499Ω,RL= 100Ω; unless specified).
Symbol
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Response
GBW
Gain Bandwidth Product
V
O < 0.4VPP
1.8
1.3
GHz
SSBW
−3dB Bandwidth (A
V = +10)
V
O < 0.4VPP
420
MHz
−3dB Bandwidth (A
V = +20)
V
O < 0.4VPP
90
70
LSBW
−3dB Bandwidth
V
O < 5.0VPP
35
30
GFP
Gain Flatness Peaking
DC to 30MHz, V
O < 0.4VPP
0.4
0.5
dB
GFR
Gain Flatness Rolloff
DC to 30MHz, V
O < 0.4VPP
0.2
0.5
dB
LPD
Linear Phase Deviation
DC to 30MHz, V
O < 0.4VPP
0.8
1.5
Deg
Time Domain Response
TRS
Rise and Fall Time
0.4V step
4.0
4.7
ns
TSS
Settling Time to 0.2%
2V step
18
30
ns
OS
Overshoot
0.4V step
5
10
%
SR
Slew Rate
2V step
300
250
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
1V
PP,10MHz
−53
−48
dBc
HD3
3rd Harmonic Distortion
1V
PP,10MHz
−78
−65
dBc
IMD
3rd Order Intermod. Intercept
10MHz
34
dBm
VN
Equivalent Input Noise Voltage
1MHz to 100MHz
2.0
2.7
nV/
ICN
Equivalent Input Noise Current
1MHz to 100MHz
1.8
2.5
pA/
Static, DC Performance
AOL
Open-Loop Gain
DC
96
77
86
86
dB
VIO
Input Offset Voltage (Note 3)
±100
±1000
±800
±1000
µV
DVIO
Offset Voltage Average Drift
±2
8
–
4
µV/˚C
IB
Input Bias Current (Note 3)
12
40
20
20
µA
DIB
Bias Current Average Drift
−100
−250
–
−120
µA/˚C
IIO
Input Offset Current
±0.2
3.4
2.0
2.0
µA
DIIO
Offset Current Average Drift
±3
±50
–
±25
nA/˚C
PSRR
Power Supply Rejection Ratio
DC
90
80
85
84
dB
CMRR
Common Mode Rejection Ratio
DC
95
84
88
86
dB
ICC
Supply Current (Note 3)
R
L = ∞
16
18
17
17
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com