Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5801 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5801 Datasheet HTML 4Page - National Semiconductor (TI) CLC5801 Datasheet HTML 5Page - National Semiconductor (TI) CLC5801 Datasheet HTML 6Page - National Semiconductor (TI) CLC5801 Datasheet HTML 7Page - National Semiconductor (TI) CLC5801 Datasheet HTML 8Page - National Semiconductor (TI) CLC5801 Datasheet HTML 9Page - National Semiconductor (TI) CLC5801 Datasheet HTML 10Page - National Semiconductor (TI) CLC5801 Datasheet HTML 11Page - National Semiconductor (TI) CLC5801 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics (T
A = 25˚C, VCC = ±5V, Rg = 26.1Ω,Rf = 499Ω,RL = 100Ω,
unless otherwise specified).. (Continued)
2nd & 3rd Harmonic Distortion (V
O =1VPP)
DS101307-22
Distortion vs. Gain (V
O =1VPP,fo = 3MHz)
DS101307-23
2-Tone, 3rd Order Intermod. Intercept.
DS101307-24
Output Voltage vs. Load
DS101307-25
CMRR and PSRR
DS101307-26
Typical DC Errors vs. Temperature
DS101307-27
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com