Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM75-01F Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMM75-01F
Description  HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM75-01F Datasheet(HTML) 2 Page - IXYS Corporation

  FMM75-01F Datasheet HTML 1Page - IXYS Corporation FMM75-01F Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2004 IXYS All rights reserved
FMM 75-01F
IXYS reserves the right to change limits, test conditions and dimensions.
Dimensions in mm (1 mm = 0.0394")
Component
Symbol
Conditions
Maximum Ratings
T
VJ
-55...+175
°C
T
stg
-55...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
20...120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
p
coupling capacity between shorted
40
pF
pins and mounting tab in the case
d
S,dA
pin - pin
1.7
mm
d
S,dA
pin - backside metal
5.5
mm
Weight
9g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com