Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM75-01F Datasheet(PDF) 1 Page - IXYS Corporation

Part # FMM75-01F
Description  HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM75-01F Datasheet(HTML) 1 Page - IXYS Corporation

  FMM75-01F Datasheet HTML 1Page - IXYS Corporation FMM75-01F Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2004 IXYS All rights reserved
FMM 75-01F
IXYS reserves the right to change limits, test conditions and dimensions.
Preliminary data
IXYS reserves the right to change limits, test conditions and dimensions.
I
D25
= 75 A
V
DSS
= 100 V
R
DSon typ. = 18 m
Ω
Ω
Ω
Ω
Ω
HiPerFETTM Power MOSFET
Phaseleg Topology
in ISOPLUS i4-PACTM
Features
• HiPerFETTM technology
- low R
DSon
- low gate charge for high frequency
operation
- unclamped inductive switching (UIS)
capability
- dv/dt ruggedness
- fast intrinsic reverse diode
• ISOPLUS i4-PACTM package
- isolated back surface
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- application friendly pinout
- low inductive current path
- high reliability
- industry standard outline
- UL registered E 72873
Applications
• drives and power supplies
• battery or fuel cell powered
• automotive, industrial vehicle etc.
• secondary side of mains power
supplies
MOSFET T1/T2
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to 150°C
100
V
V
GS
±20
V
I
D25
T
C = 25°C
75
A
I
D90
T
C = 90°C
50
A
I
F25
(body diode) T
C = 25°C
100
A
I
F90
(body diode) T
C = 90°C
60
A
dv/dt
V
DS < VDSS; IF
≤ 300A;⎮di
F/dt
⎮≤ 100A/µs; R
G = 2
Ω
5
V/ns
T
VJ = 150°C
E
AR
T
C = 25°C
30
mJ
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = ID90
18
25 m
Ω
V
GSth
V
DS = 20 V; ID = 4 mA
2
4
V
I
DSS
V
DS = VDSS; VGS = 0 V; TVJ =
25°C
0.3 mA
T
VJ = 125°C
0.25
mA
I
GSS
V
GS = ±20 V; VDS = 0 V
200
nA
Q
g
180
nC
Q
gs
35
nC
Q
gd
85
nC
t
d(on)
20
ns
t
r
60
ns
t
d(off)
80
ns
t
f
60
ns
V
F
(body diode) I
F = 75 A; VGS = 0 V
1.2
1.5
V
t
rr
(body diode) I
F = 37.5A; -di/dt = 100A/µs; VDS = 25V
300
ns
R
thJC
0.5 K/W
R
thJH
with heat transfer paste
0.93
K/W
V
GS= 10 V; VDS = 0.5 • VDSS; ID = ID90
V
GS= 10 V; VDS = 0.5 • VDSS
I
D = ID90; RG = 2
Ω
T1
T2
3
5
4
1
2
1
5


Similar Part No. - FMM75-01F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMM7G30US60N FAIRCHILD-FMM7G30US60N Datasheet
972Kb / 9P
Compact & Complex Module
More results

Similar Description - FMM75-01F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L468 IXYS-L468 Datasheet
45Kb / 2P
Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
L532 IXYS-L532 Datasheet
47Kb / 2P
IGBT phaseleg in ISOPLUS i4-PAC
IXFF24N100 IXYS-IXFF24N100 Datasheet
72Kb / 2P
HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
FID36-06D IXYS-FID36-06D Datasheet
47Kb / 2P
IGBT Chopper in ISOPLUS i4-PACTM
FII30-12D IXYS-FII30-12D Datasheet
47Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FID35-06C IXYS-FID35-06C Datasheet
48Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FMM150-0075P IXYS-FMM150-0075P Datasheet
45Kb / 2P
Trench Power MOSFET Phaseleg Topology in ISOPLUS i4-PAC
FUE30-12N1 IXYS-FUE30-12N1 Datasheet
66Kb / 3P
Fast Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FUS45-0045B IXYS-FUS45-0045B Datasheet
36Kb / 1P
Schottky Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com