Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C63 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
13
May 17, 2004
Bit No. Label
Function
5
EIF1
External interrupt 1 request flag
(1= active; 0= inactive)
6TF
Timer/Event Counter overflow request
flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC1 Register
0
ETBI
Controls the time base interrupt
(1= enabled; 0= disabled)
1
EADI
Controls the A/D converter interrupt
(1= enabled; 0= disabled)
2
ERTI
Controls the real time clock interrupt
(1= enabled; 0= disabled)
3
¾
Unused bit, read as
²0²
4
TBF
Time base time-out interrupt 0 request
flag (1= active; 0= inactive)
5
ADF
End of A/D conversion interrupt request
flag (1= active; 0= inactive)
6
RTF
RTC time-out interrupt request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
Oscillator Configuration
There are four oscillator circuits implemented in the mi-
cro-controller.
Two of them are designed for system clocks, namely the
external RC oscillator and the crystal oscillator, which
are determined by options. The HALT mode stops the
system oscillator and resists the external signal to con-
serve power. Another one is a 32768Hz crystal oscilla-
tor, which only provides use for real time clock. The
other one is a built-in 12KHz RC oscillator, which is used
for WDTOSC.
If the system clock uses the external RC oscillator, an
external resistor between OSC1 and VDD is required
and the resistance should range from 24k
W to 1MW. The
system clock, divided by 4, is available on OSC2, which
can be used to synchronize external logic.
If the system clock uses the crystal oscillator, a crystal
across OSC1 and OSC2 is needed to provide the feed-
back and phase shift required for the oscillator, and no
other external components are demanded. Instead of a
crystal, the resonator can also be connected between
OSC1 and OSC2 to get a frequency reference, but two
external capacitors in OSC1 and OSC2 are required.
If the RTCOSC is used, a crystal across OSC3 and
OSC4 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are demanded.
Watchdog Timer
- WDT
The clock source of WDT (and LCD, RTC, Time Base )
is implemented by a dedicated crystal oscillator
(32.768kHz: RTCOSC) or instruction clock (system fre-
quency divided by 4: fSYS/4) or a dedicated RC oscillator
(12KHz:WDTOSC) decided by options. This timer is de-
signed to prevent a software malfunction or sequence
from jumping to an unknown location with unpredictable
C r y s t a l O s c i l l a t o r
f o r s y s t e m c l o c k
E x t e r n a l R C O s c i l l a t o r
f o r s y s t e m c l o c k
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
O S C 1
V D D
C r y s t a l O s c i l l a t o r
f o r R T C O S C
O S C 4
O S C 3
3 2 7 6 8 H z
X ' t a l
System Oscillator
f S Y S / 4
W D T t i m e - o u t
R T C O S C
M
U
X
f S
W D T O S C
C L R W D T
O p t i o n s
O p t i o n s
T i m e b a s e : f S / 2 1 2 ~ f S / 2 1 5
L C D f r e q u e n c y : f S / 2 2 ~ f S / 2 8
R T C : f S / 2 8 ~ f S / 2 1 5
R T C C . 2 ~ R T C C . 0
R E S
1 6 - B i t C o u n t e r
D
1 5 - B i t C o u n t e r
4 t o 1 M U X
7 t o 1 M U X
8 t o 1 M U X
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com