Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C63 Datasheet (PDF) - Holtek Semiconductor Inc

HT46C63 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46C63
Download  HT46C63 Download
File Size   328.7 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit MCU

HT46C63 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46C63 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46C63
Download  HT46C63 Click to download

File Size   328.7 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit MCU

HT46C63 Datasheet (HTML) - Holtek Semiconductor Inc


HT46C63 Product details

General Description
The HT46R63/HT46C63 are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for A/D product applications that interface directly to analog signals and which require LCD Interface. The mask version HT46C63 is fully pin and functionally compatible with the OTP version HT46R63 device.

Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• Operating frequency: External RC or Crystal
• 32.768kHz crystal oscillator used for timing purposes
• Watchdog enable or disable function
• 1x16 bits timer with an overflow interrupt (TMR)
• Time base generator (clock source: 32.768kHz) and RTC interrupts
• 4K15 program memory
• 2088 data memory RAM
• Maximum of 32 I/O lines (shared with INT0, INT1, TMR, AN0~AN7, PWM0~PWM3)
• 8-level stack
• Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V
• 2 external interrupts (high/low going trigger)
• One comparator
• LCD: 203 or 194, 1/3 bias with 12 pins logical outputs options. (select by options in unit of 4 pins, 8 high sink)
• Built-in R type bias generator
• 8 channels 8-bits resolution A/D converter
• 4 channels PWM outputs
• 56-pin SSOP, 100-pin QFP package




Similar Part No. - HT46C63

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C62 HOLTEK-HT46C62 Datasheet
401Kb / 46P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46C64 HOLTEK-HT46C64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46C64 HOLTEK-HT46C64 Datasheet
1Mb / 51P
52/100-pin LQFP
2014-06-06
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
More results


Similar Description - HT46C63

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
A/D with LCD Type 8-Bit MCU
January 9, 2006
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
A/D Type 8-Bit MCU with LCD
October 2, 2007
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com