Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet (PDF) - Holtek Semiconductor Inc

HT46C64 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46C64
Download  HT46C64 Download
File Size   1276.37 Kbytes
Page   51 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 52/100-pin LQFP

HT46C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46C64 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46C64
Download  HT46C64 Click to download

File Size   1276.37 Kbytes
Page   51 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 52/100-pin LQFP

HT46C64 Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT46C64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C64 HOLTEK-HT46C64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
More results


Similar Description - HT46C64

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
144-pin 0.5mm-pitch LQFP
R0E5563NEDMB01 RENESAS-R0E5563NEDMB01 Datasheet
338Kb / 8P
100-pin 0.5mm-pitch LQFP
R0E55630EDMB00 RENESAS-R0E55630EDMB00 Datasheet
344Kb / 8P
144-pin 0.5mm-pitch LQFP
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
100-pin 0.5mm-pitch LQFP
logo
List of Unclassifed Man...
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
52-pin LQFP竊?6-pin SSOP
2013-10-31
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
100-pin LQFP
2014-06-10
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
44-pin QFP / LQFP
2014-04-03
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
44-pin QFP/LQFP
2014-04-03
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com