Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS280 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # ICS280
Description  Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS280 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  ICS280 Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS280 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS280
MDS 280 C
1
Revision 062205
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PRELIMINARY INFORMATION
Description
The ICS280 field programmable spread spectrum
clock synthesizer generates up to four high-quality,
high-frequency clock outputs including multiple
reference clocks from a low-frequency crystal input. It
is designed to replace crystals, crystal oscillators and
stand alone spread spectrum devices in most
electronic systems.
Using ICS’ VersaClockTM software to configure PLLs
and outputs, the ICS280 contains a One-Time
Programmable (OTP) ROM for field programmability.
Programming features include input/output
frequencies, spread spectrum amount and eight
selectable configuration registers.
Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
The ICS280 is also available in factory programmed
custom versions for high-volume applications.
Features
• Packaged as 16-pin TSSOP
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Configurable Spread Spectrum Modulation
• Input crystal frequency of 5 to 27 MHz
• Input clock frequency of 3 to 166 MHz
• Up to four reference outputs
• Operating voltages of 3.3 V
• Controllable output drive levels
• Advanced, low-power CMOS process
• Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
GND
3
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
3
OTP
ROM
with PLL
Values
X2
Crystal or
Clock Input
External capacitors
are required with a crystal input.
X1/ICLK
PLL1 with
Spread
Spectrum
CLK1
CLK3
CLK4
CLK2


Similar Part No. - ICS280

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results

Similar Description - ICS280

ManufacturerPart #DatasheetDescription
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
TSSOP Package 14-Pin
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
PACKAGE OUTLINE DIMENSIONS
Rev 50
logo
Maxim Integrated Produc...
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
Package Outline Dimensions
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
16-pin TSSOP package
logo
Galaxy Semi-Conductor H...
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com