Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2DA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M2DA
Description  Cylindrical 8-dia. Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2DA Datasheet(HTML) 2 Page - Omron Electronics LLC

  M2DA Datasheet HTML 1Page - Omron Electronics LLC M2DA Datasheet HTML 2Page - Omron Electronics LLC M2DA Datasheet HTML 3Page - Omron Electronics LLC M2DA Datasheet HTML 4Page - Omron Electronics LLC M2DA Datasheet HTML 5Page - Omron Electronics LLC M2DA Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M2D
2
Model Number Legend .............................................The model numbers used to order sets of Units are illustrated below. One set
comprises the Display (with built-in LED) and Socket Unit.
For information on combinations, refer to Ordering Information.
Ordering Information
Ordering as a Set ..................................The model numbers used to order sets of Units are given in the following table. One set comprises
the Display (with built-in LED), and Socket Unit.
Note: Enter the desired color symbol for the Display in
@: R (red), Y (yellow), G (green), or W (white)
Appearance
Degree of
protection
Model number
Color symbol
for Display
Rectangular
IP40
M2DJ-90A1-00E
@
R, Y, G, W
Square
M2DA-90A1-00E
@
Round
M2DT-90A1-00E
@
(1)
(2)
(3)
M 2 D J - 9 0 A 1 - 0 0 E R
(2) Terminal Type
• If PCB terminals are required, use the
Socket given under Accessories. For
details, refer to A3D.
Symbol
Terminal type
A
Solder terminals
(1) Shape of Display
Symbol
Shape
J
Rectangular
A
Square
T
Round
(3) Color of Display
• All models are illumination only.
Colored-illumination models are
not available.
• An external resistor is required.
For details, refer to A3D.
Symbol
Color
RRed
YYellow
GGreen
WWhite
24.5
9.5
9
14
24.5
9.5
9
9
24.5
9.5
9 dia.
Individual models: Refer to pages 3.
(The Display and Socket Unit can be ordered separately.)
■ Specifications: Refer to page 4. ■ Dimensions: Refer to page 5.
■ Accessories: Refer to pages A3D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com