Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2DA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # M2DA
Description  Cylindrical 8-dia. Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2DA Datasheet(HTML) 4 Page - Omron Electronics LLC

  M2DA Datasheet HTML 1Page - Omron Electronics LLC M2DA Datasheet HTML 2Page - Omron Electronics LLC M2DA Datasheet HTML 3Page - Omron Electronics LLC M2DA Datasheet HTML 4Page - Omron Electronics LLC M2DA Datasheet HTML 5Page - Omron Electronics LLC M2DA Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M2D
4
Specifications
Ratings
Built-in LED Lamp
(Ta=25
°C)
Note: The built-in LED lamp has no limiting resistor and so it is necessary to
connect an external resistor within the range shown in the above table.
For details of calculation formulas, refer to A3D.
*1. Refer to the characteristic graph of VF-IF on A3D.
*2. The white Display is also used for yellow.
Characteristics
Nomenclature
Model Structure
Item
Color of LED
Lamp
Red
Yellow
(White) *2
Green
Forward
voltage, VF
Reference value
(V) *1
1.7
2.2
2.1
Maximum value
(V)
2.0
2.5
2.5
Forward
current, IF
Reference value
(mA)
20
20
20
Absolute maximum
value (mA)
50
50
50
Permissible
dissipation,
PD
Absolute maximum
value (mW)
100
125
122
Reverse
voltage, VR
Absolute maximum
value (V)
44
4
Ambient operating
temperature
−10°C to +55°C (with no icing or condensation)
Ambient operating
humidity
35 to 85% RH
Ambient storage
temperature
−25°C to +65°C (with no icing or condensation)
(2) Color of Display
Socket Unit
Specifications
(1) Shape of Display
Note: The M2DJ model is shown here as a representative example.
Display
Socket Unit
Color cap
Legend plate
(milky white)
Reflective
plunger
LED
Type
Specifications
(1)
Shape of Display
Rectangular
Square
Round
(M2DJ)
(M2DA) (M2DT)
---
(2)
LED Lamp-lighted Models
Red, Yellow, Green, White
The LED lamp is built into the Display.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com