Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S40MB Datasheet(PDF) 7 Page - ON Semiconductor

Part # LE25S40MB
Description  Serial Flash Memory 4 Mb
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40MB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LE25S40MB Datasheet HTML 3Page - ON Semiconductor LE25S40MB Datasheet HTML 4Page - ON Semiconductor LE25S40MB Datasheet HTML 5Page - ON Semiconductor LE25S40MB Datasheet HTML 6Page - ON Semiconductor LE25S40MB Datasheet HTML 7Page - ON Semiconductor LE25S40MB Datasheet HTML 8Page - ON Semiconductor LE25S40MB Datasheet HTML 9Page - ON Semiconductor LE25S40MB Datasheet HTML 10Page - ON Semiconductor LE25S40MB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LE25S40MB
www.onsemi.com
7
2. Status Registers
The status registers hold the operating and setting statuses inside the device, and this information can be read (status
register read) and the protect information can be rewritten (status register write). There are 8 bits in total, and "Table
4 Status registers" gives the significance of each bit.
Table 4 Status Registers
Bit
Name
Logic
Function
Power-on Time Information
Bit0
RDY
0
Ready
0
1
Erase/Program
Bit1
WEN
0
Write disabled
0
1
Write enabled
Bit2
BP0
0
Block protect information
Protecting area switch
Nonvolatile information
1
Bit3
BP1
0
Nonvolatile information
1
Bit4
BP2
0
Nonvolatile information
1
Bit5
TB
0
Block protect
Upper side/Lower side switch
Nonvolatile information
1
Bit6
Reserved bits
0
Bit7
SRWP
0
Status register write enabled
Nonvolatile information
1
Status register write disabled
2-1. Status register read
The contents of the status registers can be read using the status register read command. This command can be
executed even during the following operations.
 Small sector erase, sector erase, chip erase
 Page program
 Status register write
"Figure 5 Status Register Read" shows the timing waveforms of status register read. Consisting only of the first bus
cycle, the status register command outputs the contents of the status registers synchronized to the falling edge of the
clock (SCK) with which the eighth bit of (05h) has been input. In terms of the output sequence, SRWP (bit 7) is the
first to be output, and each time one clock is input, all the other bits up to RDY (bit 0) are output in sequence,
synchronized to the falling clock edge. If the clock input is continued after RDY (bit 0) has been output, the data is
output by returning to the bit (SRWP) that was first output, after which the output is repeated for as long as the clock
input is continued. The data can be read by the status register read command at any time (even during a program or
erase cycle).
Figure 5 Status Register Read
CS
SCK
SI
SO
MSB
MSB
MSB
05h
DATA
DATA
High Impedance
8
3
2
1
0
7
6
5
4
15
23
Mode 3
Mode 0
8CLK
16
DATA
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com