Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S40MB Datasheet(PDF) 17 Page - ON Semiconductor

Part # LE25S40MB
Description  Serial Flash Memory 4 Mb
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40MB Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LE25S40MB Datasheet HTML 13Page - ON Semiconductor LE25S40MB Datasheet HTML 14Page - ON Semiconductor LE25S40MB Datasheet HTML 15Page - ON Semiconductor LE25S40MB Datasheet HTML 16Page - ON Semiconductor LE25S40MB Datasheet HTML 17Page - ON Semiconductor LE25S40MB Datasheet HTML 18Page - ON Semiconductor LE25S40MB Datasheet HTML 19Page - ON Semiconductor LE25S40MB Datasheet HTML 20Page - ON Semiconductor LE25S40MB Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LE25S40MB
www.onsemi.com
17
AC Characteristics
Parameter
Symbol
Ratings
unit
min
typ
max
Clock frequency
Read instruction (03h)
fCLK
25
MHz
All instructions except for read (03h)
40
MHz
Input signal rising/falling time
tRF
0.1
V/ns
SCK logic high level pulse width
25 MHz
tCLHI
14
ns
40 MHz
11.5
SCK logic low level pulse width
25 MHz
tCLLO
14
ns
40 MHz
11.5
CS setup time
tCSS
10
ns
CS hold time
tCSH
10
ns
Data setup time
tDS
5
ns
Data hold time
tDH
5
ns
CS wait pulse width
tCPH
25
ns
Output high impedance time from CS
tCHZ
15
ns
Output data time from SCK
tV
8
11
ns
Output data hold time
tHO
1
ns
Output low impedance time from SCK
tCLZ
0
ns
WP setup time
tWPS
20
ns
WP hold time
tWPH
20
ns
HOLD setup time
tHS
5
ns
HOLD hold time
tHH
5
ns
Output low impedance time from HOLD
tHLZ
12
ns
Output high impedance time from HOLD
tHHZ
9
ns
Power-down time
tDP
5
s
Power-down recovery time
tPRB
5
s
Write status register time
tSRW
8
10
ms
Page programming cycle time
256 Byte
tPP
6
8
ms
n Byte
0.15+
n*5.85/256
0.20+
n*7.80/256
ms
Small sector erase cycle time
tSSE
0.04
0.15
s
Sector erase cycle time
tSE
0.08
0.25
s
Chip erase cycle time
tCHE
0.3
3.0
s
AC Test Conditions
Input pulse level············· 0.2VDD to 0.8VDD
Input rising/falling time ···· 5 ns
Input timing level ··········· 0.3VDD, 0.7VDD
Output timing level ········· 1/2
 VDD
Output load ·················· 15 pF
Note : As the test conditions for "typ", the measurements are conducted using 1.8 V for VDD at room temperature.
0.8VDD
0.2VDD
0.7VDD
1/2VDD
0.3VDD
input level
input / output timing level
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com