Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0795405015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0795405015
Description  In-Vehicle Single Port USB Battery Charger with Backlight, 1.0A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0795405015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0795405015 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/02/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0795405015
Status:
Active
Overview:
In-Vehicle Smart Charging Modules
Description:
In-Vehicle Single Port USB Battery Charger with Backlight, 1.0A
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
General
Product Family
I/O Connectors
Series
79540
Application
Module-to-Wire
Component Type
USB Charger
Overview
In-Vehicle Smart Charging Modules
Product Literature Order No
987651-6673
Product Name
Micro-Fit 3.0, USB
Type
A
UPC
887191430973
Physical
Circuits (Loaded)
3
Circuits (maximum)
5
Color - Resin
Black
Durability (mating cycles max)
5000
Lock to Mating Part
Yes
Material - Plating Mating
N/A
Material - Resin
ABS, PC
Net Weight
23.200/g
Number of Rows
1
Orientation
Vertical
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
N/A
Polarized to Mating Part
Yes
Ports
1
Temperature Range - Operating
-40° to +85°C
Termination Interface: Style
N/A
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
16V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-79540-5015
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Compliant with
Exemption 7(c)-
I,7(a)*
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)*
Halogen-Free
Status
Not Low-Halogen*
For more information, please visit Contact US
CUST_NOTE
*Product contains
part(s) with customer
managed
CUST_NOTE1
EHS data. These part(s)
are excluded from
CUST_NOTE2
product compliance
status evaluation.
China ROHS
50 Image
ELV
Not Reviewed
RoHS Phthalates
Not Contained*
Search Parts in this Series
79540 Series
Mates With
USB Type A (Front)<br>Micro-Fit 3.0
Receptacle 43645-0500 (Rear)
This document was generated on 10/02/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0795405015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0795161021 MOLEX9-0795161021 Datasheet
86Kb / 2P
Micro-Fit Overmolded Cable Assembly, 2 Circuit, 1.0m (3.28) Length
0795161023 MOLEX9-0795161023 Datasheet
86Kb / 2P
Micro-Fit Overmolded Cable Assembly, 2 Circuit, 3.0m (9.84) Length
0795161025 MOLEX9-0795161025 Datasheet
86Kb / 2P
Micro-Fit Overmolded Cable Assembly, 2 Circuit, 5.0m (16.40) Length
0795161041 MOLEX9-0795161041 Datasheet
93Kb / 2P
Micro-Fit Overmolded Cable Assembly, 4 Circuit, 1.0m (3.28) Length
0795161043 MOLEX9-0795161043 Datasheet
93Kb / 2P
Micro-Fit Overmolded Cable Assembly, 4 Circuit, 3.0m (9.84) Length
More results

Similar Description - 0795405015

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
USB Port Lithium-Ion/Polymer Battery Charger
2006.10.1.5
logo
Advanced Analogic Techn...
AAT3689 ANALOGICTECH-AAT3689 Datasheet
446Kb / 20P
0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
USB Port Lithium-Ion/Polymer Battery Charger
AAT3689 ANALOGICTECH-AAT3689_08 Datasheet
301Kb / 18P
0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E Datasheet
2Mb / 23P
USB Battery Charger Detectors
Rev 1; 2/12
logo
Molex Electronics Ltd.
0685324461 MOLEX1-0685324461 Datasheet
50Kb / 1P
In-Vehicle Dual Port USB Smart Charger with Backlight, 2.4A
0685324462 MOLEX1-0685324462 Datasheet
47Kb / 1P
In-Vehicle Dual Port USB Smart Charger with Backlight and Dust Cover, 2.4A
0685324510 MOLEX1-0685324510 Datasheet
46Kb / 1P
In-Vehicle Single Port USB Smart Charger with Backlight, 2.4A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com