Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501TLX-21 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3501TLX-21
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3501TLX-21 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3501TLX-21 Datasheet HTML 1Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 2Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 3Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 4Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 5Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 6Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 7Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 8Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3501
Synchronous Step-up DC/DC Converter for White LED
Applications
General Description
The LM3501 is a fixed-frequency step-up DC/DC converter
that is ideal for driving white LEDs for display backlighting
and other lighting functions. With fully intergrated synchro-
nous switching (no external schottky diode required) and a
low feedback voltage (515 mV), power efficiency of the
LM3501 circuit has been optimized for lighting applications
in wireless phones and other portable products (single cell
Li-Ion or 3-cell NiMH battery supplies). The LM3501 oper-
ates with a fixed 1 MHz switching frequency. When used with
ceramic input and output capacitors, the LM3501 provides a
small, low-noise, low-cost solution.
Two LM3501 options are available with different output volt-
age capabilities. The LM3501-21 has a maximum output
voltage of 21V and is typically suited for driving 4 or 5 white
LEDs in series. The LM3501-16 has a maximum output
voltage of 16V and is typically suited for driving 3 or 4 white
LEDs in series (maximum number of series LEDs dependent
on LED forward voltage). If the primary white LED network
should be disconnected, the LM3501 uses internal protec-
tion circuitry on the output to prevent a destructive overvolt-
age event.
A single external resistor is used to set the maximum LED
current in LED-drive applications. The LED current can eas-
ily be adjusted by varying the analog control voltage on the
control pin or by using a pulse width modulated (PWM)
signal on the shutdown pin. In shutdown, the LM3501 com-
pletely disconnects the input from output, creating total iso-
lation and preventing any leakage currents from trickling into
the LEDs.
Features
n
Synchronous rectification, high efficiency and no
external schottky diode required
n
Uses small surface mount components
n
Can drive 2-5 white LEDs in series (may function with
more low V
F LEDs)
n
2.7V to 7V input range
n
True shutdown isolation, no LED leakage current
n
DC voltage LED current control
n
Input undervoltage lockout
n
Internal output over-voltage protection (OVP) circuitry,
with no external zener diode required LM3501-16: 15.5V
OVP; LM3501-21: 20.5V OVP.
n
Requires only a small 16V (LM3501-16) or 25V
(LM3501-21) ceramic capacitor at the input and output
n
Thermal Shutdown
n
0.1µA shutdown current
n
Small 8-bump thin micro SMD package
Applications
n
LCD Bias Supplies
n
White LED Back-Lighting
n
Handheld Devices
n
Digital Cameras
n
Portable Applications
Typical Application Circuit
20065301
FIGURE 1. Typical 3 LED Application
May 2005
© 2005 National Semiconductor Corporation
DS200653
www.national.com


Similar Part No. - LM3501TLX-21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3501TLX-21/NOPB TI1-LM3501TLX-21/NOPB Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results

Similar Description - LM3501TLX-21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
Step Up Type DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com