Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3837LG-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3837LG-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3837LG-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3837LG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3837L
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R103-145.A
OPERATION DESCRIPTION (Cont.)
Frequency Hopping For EMI Improvement
The Frequency hopping is implemented in the IC; there are two oscillators built-in the IC. The first oscillator is to
set the normal switching frequency; the switching frequency is modulated with a period signal generated by the 2nd
oscillator. The relation between the first oscillator and the 2nd oscillator as followed Fig.2. So the tone energy is
evenly spread out, the spread spectrum minimizes the conduction band EMI and therefore eases the system design
in meeting stringent EMI requirement.
Built-in Slope Compensation
Built-in slope compensation circuit greatly improves the close loop stability at CCM and prevents the sub-harmonic
oscillation.
Leading-Edge Blanking
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense-resistor. To avoid
premature termination of the switching pulse, a 400ns leading-edge blanking time is built in. Conventional RC
filtering can therefore be omitted. During this blanking period, the current-limit comparator is disabled and it cannot
switch off the gate driver.
Constant Output Power Limit
When the SENSE voltage, across the sense resistor RS, reaches the threshold voltage, around VCS-V, the output
GATE drive will be turned off after a small propagation delay tD. This propagation delay will introduce an additional
current proportional to tD×VIN/Lp. Since the propagation delay is nearly constant regardless of the input line voltage
VIN. Higher input line voltage will result in a larger additional current and hence the output power limit is also higher
than that under low input line voltage. To compensate this variation for wide AC input range, the threshold voltage is
adjusted by the VIN current. Since VIN pin is connected to the rectified input line voltage through a resistor RVIN, a
higher line voltage will generate higher VIN current into the VIN pin. The threshold voltage is decreased if the VIN
current is increased. Smaller threshold voltage, forces the output GATE drive to terminate earlier, thus reduce the
total PWM turn-on time and make the output power equal to that of low line input. This proprietary internal
compensation ensures a constant output power limit for wide AC input voltage from 90VAC to 264VAC.
Under Voltage Lockout (UVLO)
The turn-on and turn-off thresholds of the UTC UC3837L are fixed internally at VTHD(ON)/VDD(MIN) During start-up,
the hold-up capacitor must be charged to VTHD(ON) through the start-up resistor, so that the UTC UC3837L will be
enabled. The hold-up capacitor will continue to supply VDD until power can be delivered from the auxiliary winding of
the main transformer. VDD must not drop below VDD (MIN) during this start-up process. This UVLO hysteresis window
ensures that hold-up capacitor will be adequate to supply VDD during start-up.
Gate Output
The UTC UC3837L output stage is a fast totem pole gate driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance reliability. A good tradeoff is achieved through dead time control.
The low idle loss and good EMI system design is easier to achieve with this dedicated control scheme. An internal
16V clamp is added for MOSFET gate protection at higher than expected VDD input.
Protection Controls
The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. Driver is reset after failure is eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com