Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3837LG-AG6-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC3837LG-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3837LG-AG6-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UC3837LG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UC3837LG-AG6-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UC3837L
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R103-145.A
TYPICAL APPLICATION CIRCUIT (19V / 2.05A)
BOM
Reference
Component
Reference
Component
F1
2A/250V
C1, C3
1nF/1KV X7R SMD
FL1, FL2
Choke
C7
0.1uF/50V X7R SMD
CX1
0.33uF/275V
C11
68pF/50V X7R SMD
BD1
2A/600V
C6, C12
1nF/50V X7R SMD
C2
EC 33uF/400V 105°C ±20%
U1
IC , PWM controller UC3837L
SOT-26
C10
EC 10uF/50V 105°C ±20%
D4
1N4148, 0.15A/75V, SMD
Q1
MOSFET, 10A/650V
D3
BAV20WG, 1A/200V, SOD-123
T1
RM-8
D1
1N4007, 1A/1000V, SMA
CY1
Y1, 1000pF/400V, 105°C, ±20%
U3
IC, TL431
D5
Schottky, 20A/100V
U4
IC, Opto-Coupler, LTV-357-T-C,
SMD
C41, C43
EC 680uF/25V, 105°C, ±20%
R40
47Ω SMD
L1
Choke
R41
820Ω SMD
R1, R2
1.5M SMD
R42
2.2K SMD
R6, R23
1.5M SMD
R43
680Ω SMD
R20
1.8Ω SMD
R45
68K SMD
R21, R22
1.5Ω SMD
R46
10K SMD
R13
2.2Ω SMD
C45
10nF/50V, X7R, SMD
R7, R8
180K SMD
C46
0.1uF/50V, X7R, SMD
R18
1K SMD
C40
100pF/1KV, NPO, SMD
R15
10Ω SMD
C42
N.C
R16
47Ω SMD
R47
N.C
R17
10K SMD
C5
N.C
R3, R5
20M SMD
R12
N.C
RT1
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com